Electronic Components Datasheet Search
  English  ▼

X  

2SD1624 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SD1624
Description  Bipolar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1624 Datasheet(HTML) 4 Page - ON Semiconductor

  2SD1624 Datasheet HTML 1Page - ON Semiconductor 2SD1624 Datasheet HTML 2Page - ON Semiconductor 2SD1624 Datasheet HTML 3Page - ON Semiconductor 2SD1624 Datasheet HTML 4Page - ON Semiconductor 2SD1624 Datasheet HTML 5Page - ON Semiconductor 2SD1624 Datasheet HTML 6Page - ON Semiconductor 2SD1624 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SB1124 / 2SD1624
No.2019-4/7
f T -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
23
5
0.1
10
23
5
0.01
23
5
1.0
100
10
2
5
7
1000
7
5
3
2
3
ITR08915
2SB1124
2SD1624
1.0
10
7
3
5
10
1.0
2
3
5
2
27
35
100
27
35
ITR08916
2
5
7
7
3
2
5
3
--100
--10
--1000
23
5
7
77
--0.01
23
5
3
5
--0.1
2
--1.0
ITR08917
2SB1124
IC / IB=20
75°
C
25°C
Ta
= -
-25
°C
2
5
7
7
3
2
5
3
100
10
1000
23
5
7
77
0.01
23
5
3
5
0.1
2
1.0
ITR08918
2SD1624
IC / IB=20
25°C
Ta=75°
C
--25°C
2SB1124 / 2SD1624
VCE=10V
2SB1124
2SD1624
2SB1124 / 2SD1624
f=1MHz
VBE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
A S O
PC -- Ta
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
1.0
0.1
5
10
5
3
3
2
2
5
3
2
1.0
10
25
7
3
3
100
25
7
3
57
ITR08921
0
1.8
1.6
1.5
1.4
1.2
0.8
1.0
0.6
0.5
0.4
0.2
0
20
40
60
100
120
160
140
80
ITR08922
2SB1124 / 2SD1624
5
7
7
3
2
5
3
--1.0
--10
23
5
7
77
--0.01
23
5
2
3
5
--0.1
--1.0
ITR08919
2SB1124
IC / IB=20
25
°C
Ta=75°C
--25
°C
5
7
7
3
2
5
3
1.0
10
23
5
7
77
0.01
23
5
2
3
5
0.1
1.0
ITR08920
2SD1624
IC / IB=20
25
°C
75
°C
Ta= --25°C
ICP=6A
100ms 10ms
1ms
DC
operation
2SB1124 / 2SD1624
Ta=25
°C
Single pulse
For PNP, minus sign is omitted.
Mounted on a ceramic board (250mm2
✕0.8mm)
Mounted
on
a
ceramic
board
(250mm
2
✕
0.8mm)
No heat
sink
For PNP, the minus sign is omitted.
For PNP, the minus sign is omitted.
IC=3A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com