Electronic Components Datasheet Search
  English  ▼

X  

2SC3902T Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SC3902T
Description  Bipolar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC3902T Datasheet(HTML) 1 Page - ON Semiconductor

  2SC3902T Datasheet HTML 1Page - ON Semiconductor 2SC3902T Datasheet HTML 2Page - ON Semiconductor 2SC3902T Datasheet HTML 3Page - ON Semiconductor 2SC3902T Datasheet HTML 4Page - ON Semiconductor 2SC3902T Datasheet HTML 5Page - ON Semiconductor 2SC3902T Datasheet HTML 6Page - ON Semiconductor 2SC3902T Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
90512 TKIM/21710CB TKIM/53002RM(KT)/71598HA(KT)O2196TS(KOTO) 8-9520/3307KI/9116AT,TS No.2101-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
2SA1507/2SC3902
Bipolar Transistor
(–)160V, (–)1.5A, Low VCE(sat), (PNP)NPN Single TO-126ML
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applications
•
Color TV audio output, converters, inverters
Features
•
High breakdown voltage
•
Large current capacity
•
Adoption of FBET and MBIT process
•
The plastic-covered heat sink eliminates the need for an insulator when mounting the 2SA1507/2SC3902
Specifications ( ): 2SA1507
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)180
V
Collector-to-Emitter Voltage
VCEO
(--)160
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)1.5
A
Collector Current (Pulse)
ICP
(--)2.5
A
Collector Dissipation
PC
1.5
W
Tc=25°C10
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7516A-002
Ordering number : EN2101E
Product & Package Information
• Package
: TO-126ML
• JEITA, JEDEC
: TO-126
• Minimum Packing Quantity : 200 pcs./bag
Marking
Electrical Connection
1 : Emitter
2 : Collector
3 : Base
TO-126ML
0.8
0.75
2.4
4.8
0.8
0.7
8.0
4.0
1.0
1.0
3.6
1.6
3.3
12
3
LOT No.
RANK
A1507
LOT No.
RANK
C3902
2
1
3
2SC3902
2
1
3
2SA1507
2SA1507S
2SA1507T
2SC3902S
2SC3902T


Similar Part No. - 2SC3902T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC3902T ONSEMI-2SC3902T Datasheet
335Kb / 7P
Bipolar Transistor
August, 2013
2SC3902T ONSEMI-2SC3902T Datasheet
335Kb / 7P
Bipolar Transistor
August, 2013
2SC3902T ONSEMI-2SC3902T Datasheet
335Kb / 7P
Bipolar Transistor
August, 2013
2SC3902T ONSEMI-2SC3902T Datasheet
335Kb / 7P
Bipolar Transistor
August, 2013
More results

Similar Description - 2SC3902T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com