Electronic Components Datasheet Search
  English  ▼

X  

2SC5227A Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SC5227A
Description  RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5227A Datasheet(HTML) 2 Page - ON Semiconductor

  2SC5227A Datasheet HTML 1Page - ON Semiconductor 2SC5227A Datasheet HTML 2Page - ON Semiconductor 2SC5227A Datasheet HTML 3Page - ON Semiconductor 2SC5227A Datasheet HTML 4Page - ON Semiconductor 2SC5227A Datasheet HTML 5Page - ON Semiconductor 2SC5227A Datasheet HTML 6Page - ON Semiconductor 2SC5227A Datasheet HTML 7Page - ON Semiconductor 2SC5227A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC5227A
No. A1063-2/8
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=10V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
10
μA
DC Current Gain
hFE
VCE=5V, IC=20mA
60*
270*
Gain-Bandwidth Product
fT
VCE=5V, IC=20mA
5
7
GHz
Output Capacitance
Cob
VCB=10V, f=1MHz
0.75
1.2
pF
Reverse Transfer Capacitance
Cre
0.5
pF
Forward Transfer Gain
⏐S21e⏐
21VCE=5V, IC=20mA, f=1GHz
9
12
dB
⏐S21e⏐
22VCE=2V, IC=3mA, f=1GHz
8
dB
Noise Figure
NF
VCE=5V, IC=7mA, f=1GHz
1.0
1.8
dB
* : The 2SC5227A is classified by 20mA hFE as follows :
Rank
3
4
5
hFE
60 to 120
90 to 180
135 to 270
Ordering Information
Device
Package
Shipping
memo
2SC5227A-4-TB-E
CP
3,000pcs./reel
Pb Free
2SC5227A-5-TB-E
CP
3,000pcs./reel
hFE -- IC
Collector Current, IC -- mA
Cre -- VCB
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- mA
fT -- IC
Cob -- VCB
Collector-to-Base Voltage, VCB -- V ITR08204
f=1MHz
ITR07966
f=1MHz
ITR08202
5
33
32
1.0
7
57
2
2
10
57 100
3
5
3
2
1.0
10
7
3
5
2
0.1
7
72
35
3
2
1.0
7
35
2
0.1
7
72
10
1.0
0.1
2
3
5
7
5
7
2
3
1.0
0.1
2
3
5
7
5
7
2
3
VCE=5V
ITR08203
23
3
57
7
10
1.0
7 100
5
22
7
10
1.0
5
7
5
2
3
2
VCE=5V
100
10
2
3
5
7
5
7
2
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com