Electronic Components Datasheet Search
  English  ▼

X  

ECOS1AA103BA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECOS1AA103BA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1AA103BA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECOS1AA103BA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1AA103BA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1AA103BA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1AA103BA Datasheet HTML 4Page - Panasonic Semiconductor ECOS1AA103BA Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS-HA Standard Ratings (continued)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
8200
30 x 25
2.70
3.11
0.061
0.045
ECOS1EA822DA
6800
35 x 30
3.30
3.80
0.046
0.035
ECOS1HA682EA
10000
22 x 40
3.00
3.45
0.051
0.039
ECOS1EA103BA
8200
30 x 45
3.60
4.14
0.038
0.029
ECOS1HA822DA
25 x 35
3.00
3.45
0.051
0.039
ECOS1EA103CA
35 x 35
3.60
4.14
0.038
0.029
ECOS1HA822EA
30 x 30
3.00
3.45
0.051
0.039
ECOS1EA103DA
10000
30 x 50
4.00
4.60
0.033
0.025
ECOS1HA103DA
12000
22 x 45
3.20
3.68
0.044
0.033
ECOS1EA123BA
35 x 40
4.00
4.60
0.033
0.025
ECOS1HA103EA
25 x 40
3.20
3.68
0.044
0.035
ECOS1EA123CA
12000
35 x 45
4.50
5.18
0.028
0.022
ECOS1HA123EA
30 x 30
3.20
3.68
0.044
0.035
ECOS1EA123DA
15000
35 x 50
4.80
5.52
0.022
0.018
ECOS1HA153EA
35 x 25
3.20
3.68
0.044
0.035
ECOS1EA123EA
15000
25 x 45
3.60
4.14
0.036
0.031
ECOS1EA153CA
680
22 x 20
0.90
1.04
0.463
0.347
ECOS1JA681BL
30 x 35
3.60
4.14
0.036
0.031
ECOS1EA153DA
22 x 25
0.90
1.04
0.414
0.311
ECOS1JA681BA
35 x 30
3.60
4.14
0.036
0.031
ECOS1EA153EA
1000
22 x 25
1.17
1.35
0.282
0.211
ECOS1JA102BA
18000
25 x 50
3.90
4.49
0.030
0.027
ECOS1EA183CA
25 x 20
1.20
1.38
0.315
0.236
ECOS1JA102CL
30 x 40
3.90
4.49
0.030
0.027
ECOS1EA183DA
1200
22 x 25
1.40
1.61
0.235
0.176
ECOS1JA122BA
35 x 35
3.90
4.49
0.030
0.027
ECOS1EA183EA
1500
22 x 30
1.50
1.73
0.188
0.141
ECOS1JA152BA
22000
30 x 45
4.30
4.95
0.025
0.022
ECOS1EA223DA
30 x 20
1.30
1.50
0.210
0.157
ECOS1JA152DL
35 x 35
4.30
4.95
0.025
0.022
ECOS1EA223EA
1800
22 x 30
1.70
1.96
0.157
0.117
ECOS1JA182BA
27000
35 x 45
4.80
5.52
0.021
0.019
ECOS1EA273EA
25 x 25
1.70
1.96
0.157
0.117
ECOS1JA182CA
33000
35 x 50
5.50
6.33
0.018
0.016
ECOS1EA333EA
2200
22 x 35
2.00
2.30
0.128
0.096
ECOS1JA222BA
25 x 30
2.00
2.30
0.128
0.096
ECOS1JA222CA
1500
22 x 20
1.10
1.27
0.287
0.216
ECOS1VA152BL
35 x 20
1.50
1.73
0.143
0.107
ECOS1JA222EL
22 x 25
1.10
1.27
0.287
0.216
ECOS1VA152BA
2700
22 x 40
2.20
2.53
0.104
0.078
ECOS1JA272BA
2200
22 x 25
1.48
1.70
0.196
0.147
ECOS1VA222BA
25 x 35
2.20
2.53
0.104
0.078
ECOS1JA272CA
25 x 20
1.40
1.61
0.196
0.147
ECOS1VA222CL
30 x 25
2.20
2.53
0.104
0.078
ECOS1JA272DA
3300
22 x 25
1.90
2.19
0.121
0.090
ECOS1VA332BA
3300
22 x 50
2.50
2.88
0.090
0.068
ECOS1JA332BA
30 x 20
1.70
1.96
0.131
0.098
ECOS1VA332DL
25 x 40
2.50
2.88
0.090
0.068
ECOS1JA332CA
3900
22 x 30
2.00
2.30
0.111
0.083
ECOS1VA392BA
30 x 30
2.50
2.88
0.090
0.068
ECOS1JA332DA
4700
22 x 35
2.20
2.53
0.088
0.066
ECOS1VA472BA
35 x 25
2.50
2.88
0.090
0.068
ECOS1JA332EA
25 x 25
2.20
2.53
0.088
0.066
ECOS1VA472CA
3900
25 x 45
2.70
3.11
0.077
0.057
ECOS1JA392CA
35 x 20
2.00
2.30
0.095
0.071
ECOS1VA472EL
30 x 35
2.70
3.11
0.077
0.057
ECOS1JA392DA
5600
22 x 35
2.40
2.76
0.074
0.056
ECOS1VA562BA
35 x 30
2.70
3.11
0.077
0.057
ECOS1JA392EA
25 x 30
2.40
2.76
0.074
0.056
ECOS1VA562CA
4700
25 x 50
3.00
3.45
0.063
0.048
ECOS1JA472CA
30 x 25
2.40
2.76
0.074
0.056
ECOS1VA562DA
30 x 40
3.00
3.45
0.063
0.048
ECOS1JA472DA
6800
22 x 40
2.60
2.99
0.061
0.046
ECOS1VA682BA
35 x 30
3.00
3.45
0.063
0.048
ECOS1JA472EA
25 x 35
2.60
2.99
0.061
0.046
ECOS1VA682CA
5600
30 x 45
3.30
3.80
0.053
0.040
ECOS1JA562DA
30 x 30
2.60
2.99
0.061
0.046
ECOS1VA682DA
35 x 35
3.30
3.80
0.053
0.040
ECOS1JA562EA
8200
22 x 50
2.90
3.34
0.051
0.038
ECOS1VA822BA
6800
30 x 50
3.60
4.14
0.049
0.037
ECOS1JA682DA
25 x 40
2.90
3.34
0.051
0.038
ECOS1VA822CA
35 x 40
3.60
4.14
0.049
0.037
ECOS1JA682EA
30 x 30
2.90
3.34
0.051
0.038
ECOS1VA822DA
8200
35 x 45
3.90
4.49
0.040
0.030
ECOS1JA822EA
35 x 25
2.90
3.34
0.051
0.038
ECOS1VA822EA
10000
35 x 50
4.40
5.06
0.033
0.028
ECOS1JA103EA
10000
25 x 45
3.20
3.68
0.041
0.031
ECOS1VA103CA
30 x 35
3.20
3.68
0.041
0.031
ECOS1VA103DA
470
22 x 20
0.80
0.92
0.459
0.298
ECOS1KA471BL
35 x 30
3.20
3.68
0.041
0.031
ECOS1VA103EA
22 x 25
0.80
0.92
0.388
0.272
ECOS1KA471BA
12000
25 x 50
3.50
4.03
0.035
0.026
ECOS1VA123CA
680
22 x 25
1.00
1.15
0.268
0.188
ECOS1KA681BA
30 x 40
3.50
4.03
0.035
0.026
ECOS1VA123DA
25 x 20
1.00
1.15
0.317
0.206
ECOS1KA681CL
35 x 30
3.50
4.03
0.035
0.026
ECOS1VA123EA
820
22 x 25
1.20
1.38
0.222
0.145
ECOS1KA821BA
15000
30 x 45
3.90
4.49
0.030
0.022
ECOS1VA153DA
1000
22 x 30
1.30
1.50
0.182
0.119
ECOS1KA102BA
35 x 35
3.90
4.49
0.030
0.022
ECOS1VA153EA
25 x 25
1.30
1.50
0.182
0.119
ECOS1KA102CA
18000
35 x 40
4.30
4.95
0.028
0.021
ECOS1VA183EA
30 x 20
1.20
1.38
0.216
0.140
ECOS1KA102DL
22000
35 x 50
5.00
5.75
0.023
0.017
ECOS1VA223EA
1200
22 x 30
1.50
1.73
0.166
0.116
ECOS1KA122BA
25 x 25
1.50
1.73
0.166
0.116
ECOS1KA122CA
1000
22 x 20
0.90
1.04
0.265
0.199
ECOS1HA102BL
1500
22 x 35
1.70
1.96
0.133
0.093
ECOS1KA152BA
22 x 25
0.90
1.04
0.232
0.174
ECOS1HA102BA
25 x 30
1.70
1.96
0.133
0.093
ECOS1KA152CA
1500
22 x 25
1.25
1.44
0.155
0.116
ECOS1HA152BA
35 x 20
1.40
1.61
0.155
0.108
ECOS1KA152EL
25 x 20
1.20
1.38
0.177
0.133
ECOS1HA152CL
1800
22 x 40
1.80
2.07
0.111
0.077
ECOS1KA182BA
1800
22 x 25
1.50
1.73
0.129
0.097
ECOS1HA182BA
25 x 35
1.80
2.07
0.111
0.077
ECOS1KA182CA
2200
22 x 30
1.70
1.96
0.105
0.079
ECOS1HA222BA
30 x 25
1.80
2.07
0.111
0.077
ECOS1KA182DA
30 x 20
1.40
1.61
0.121
0.090
ECOS1HA222DL
2200
22 x 45
2.10
2.42
0.090
0.063
ECOS1KA222BA
2700
22 x 30
1.80
2.07
0.086
0.064
ECOS1HA272BA
25 x 35
2.10
2.42
0.090
0.063
ECOS1KA222CA
25 x 25
1.80
2.07
0.086
0.064
ECOS1HA272CA
30 x 30
2.10
2.42
0.090
0.063
ECOS1KA222DA
3300
22 x 35
2.00
2.30
0.070
0.053
ECOS1HA332BA
35 x 25
2.10
2.42
0.090
0.063
ECOS1KA222EA
25 x 30
2.00
2.30
0.070
0.053
ECOS1HA332CA
2700
25 x 45
2.40
2.76
0.074
0.055
ECOS1KA272CA
35 x 20
1.70
1.96
0.085
0.064
ECOS1HA332EL
30 x 35
2.40
2.76
0.074
0.055
ECOS1KA272DA
3900
22 x 40
2.20
2.53
0.064
0.048
ECOS1HA392BA
35 x 30
2.40
2.76
0.074
0.055
ECOS1KA272EA
25 x 35
2.20
2.53
0.064
0.048
ECOS1HA392CA
3300
25 x 50
2.60
2.99
0.065
0.049
ECOS1KA332CA
30 x 25
2.20
2.53
0.064
0.048
ECOS1HA392DA
30 x 40
2.60
2.99
0.065
0.049
ECOS1KA332DA
4700
22 x 45
2.50
2.88
0.053
0.040
ECOS1HA472BA
35 x 30
2.60
2.99
0.065
0.049
ECOS1KA332EA
25 x 40
2.50
2.88
0.053
0.040
ECOS1HA472CA
3900
30 x 45
3.00
3.45
0.060
0.045
ECOS1KA392DA
30 x 30
2.50
2.88
0.053
0.040
ECOS1HA472DA
35 x 35
3.00
3.45
0.060
0.045
ECOS1KA392EA
35 x 25
2.50
2.88
0.053
0.040
ECOS1HA472EA
4700
30 x 50
3.30
3.80
0.049
0.037
ECOS1KA472DA
5600
22 x 50
2.80
3.22
0.050
0.038
ECOS1HA562BA
35 x 40
3.30
3.80
0.049
0.037
ECOS1KA472EA
25 x 40
2.80
3.22
0.050
0.038
ECOS1HA562CA
5600
35 x 45
3.70
4.26
0.050
0.038
ECOS1KA562EA
30 x 35
2.80
3.22
0.050
0.038
ECOS1HA562DA
6800
35 x 50
3.90
4.49
0.041
0.031
ECOS1KA682EA
35 x 30
2.80
3.22
0.050
0.038
ECOS1HA562EA
6800
25 x 50
3.30
3.80
0.046
0.035
ECOS1HA682CA
330
22 x 20
0.80
1.20
0.653
0.392
ECOS2AA331BL
30 x 40
3.30
3.80
0.046
0.035
ECOS1HA682DA
22 x 25
0.80
1.20
0.553
0.332
ECOS2AA331BA
Max 105°C R.C. (Arms)
20°C ESR (
Ω
Ω
Ω
Ω, max.)
D x L
50 VDC Working, 63 VDC Surge
50 VDC Working, 63 VDC Surge (continued)
80 VDC Working, 100 VDC Surge
Size (mm)
20°C ESR (
Ω
Ω
Ω
Ω, max.)
100 VDC Working, 125 VDC Surge
25 VDC Working, 32 VDC Surge (continued)
D x L
35 VDC Working, 44 VDC Surge
63 VDC Working, 79 VDC Surge
Size (mm)
Max 105°C R.C. (Arms)
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com