Electronic Components Datasheet Search
  English  ▼

X  

CAT660 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT660
Description  100 mA CMOS Charge Pump Inverter/Doubler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT660 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT660 Datasheet HTML 5Page - ON Semiconductor CAT660 Datasheet HTML 6Page - ON Semiconductor CAT660 Datasheet HTML 7Page - ON Semiconductor CAT660 Datasheet HTML 8Page - ON Semiconductor CAT660 Datasheet HTML 9Page - ON Semiconductor CAT660 Datasheet HTML 10Page - ON Semiconductor CAT660 Datasheet HTML 11Page - ON Semiconductor CAT660 Datasheet HTML 12Page - ON Semiconductor CAT660 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CAT660
http://onsemi.com
9
Capacitor Suppliers
The following manufacturers supply low−ESR capacitors:
Table 6. CAPACITOR SUPPLIERS
Manufacturer
Capacitor Type
Phone
WEB
Email
Comments
AVX/Kyocera
TPS/TPS3
843−448−9411
www.avxcorp.com
avx@avxcorp.com
Tantalum
Vishay/Sprague
595
402−563−6866
www.vishay.com
−
Aluminum
Sanyo
MV−AX, UGX
619−661−6835
www.sanyo.com
Svcsales@sanyo.com
Aluminum
Nichicon
F55
847−843−7500
www.nichicon−us.com
−
Tantalum
HC/HD
Aluminum
Capacitor manufacturers continually introduce new series and offer different package styles. It is recommended that before
a design is finalized capacitor manufacturers should be surveyed for their latest product offerings.
Controlling Loss in CAT660 Applications
There are three primary sources of voltage loss:
1. Output resistance:
VLOSS
W = ILOAD x ROUT, where ROUT is the
CAT660 output resistance and ILOAD is the load
current.
2. Charge pump (C1) capacitor ESR:
VLOSSC1
≈ 4 x ESRC1 x ILOAD, where
ESRC1 is the ESR of capacitor C1.
3. Output or reservoir (C2) capacitor ESR:
VLOSSC2 = ESRC2 x ILOAD, where ESRC2 is
the ESR of capacitor C2.
Increasing the value of C2 and/or decreasing its ESR will
reduce noise and ripple.
The effective output impedance of a CAT660 circuit is
approximately:
Rcircuit [ Rout 660 ) (4
ESRC1) ) ESRC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com