Electronic Components Datasheet Search
  English  ▼

X  

ALD1101DA Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD1101DA
Description  DUAL N-CHANNEL MATCHED MOSFET PAIR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1101DA Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD1101DA Datasheet HTML 1Page - Advanced Linear Devices ALD1101DA Datasheet HTML 2Page - Advanced Linear Devices ALD1101DA Datasheet HTML 3Page - Advanced Linear Devices ALD1101DA Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ALD1101A/ALD1101B
Advanced Linear Devices
2
ALD1101
ABSOLUTE MAXIMUM RATINGS
Drain-source voltage, VDS
13.2V
Gate-source voltage, VGS
13.2V
Power dissipation
500 mW
Operating temperature range
PA, SA package
0
°C to +70°C
DA package
-55
°C to +125°C
Storage temperature range
-65
°C to +150°C
Lead temperature, 10 seconds
+260
°C
Gate Threshold
Voltage
VT
0.4
0.7
1.0
0.4
0.7
1.0
0.4
0.7
1.0
V
IDS = 10µA VGS = VDS
Offset Voltage
VOS
2
5
10
mV
IDS = 100µA VGS = VDS
VGS1 - VGS2
Gate Threshold
TCVT
-1.2
-1.2
-1.2
mV/
°C
Temperature Drift
On Drain Current
IDS (ON)
25
40
25
40
25
40
mA
VGS = VDS = 5V
Transconductance Gfs
5
10
5
10
5
10
mmho
VDS = 5V IDS= 10mA
Mismatch
∆Gfs
0.5
0.5
0.5
%
Output
GOS
200
200
200
µmho
VDS = 5V IDS = 10mA
Conductance
Drain Source
RDS(ON)
50
75
50
75
50
75
Ω
VDS = 0.1V VGS = 5V
ON Resistance
Drain Source
ON Resistance
∆RDS(ON)
0.5
0.5
0.5
%
VDS = 0.1V VGS = 5V
Mismatch
Drain Source
Breakdown
BVDSS
12
12
12
V
IDS = 10µA VGS =0V
Voltage
Off Drain Current
IDS(OFF)
0.1
4
0.1
4
0.1
4
nA
VDS =12V VGS = 0V
44
4
µATA = 125°C
Gate Leakage
IGSS
150
1
50
1
50
pA
VDS =0V VGS =12V
Current
10
10
10
nA
TA = 125°C
Input
CISS
6
10
6
10
6
10
pF
Capacitance
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified
ALD 1101A
ALD1101B
ALD1101
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com