Electronic Components Datasheet Search
  English  ▼

X  

ALD1108EPC Datasheet(PDF) 9 Page - Advanced Linear Devices

Part # ALD1108EPC
Description  QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1108EPC Datasheet(HTML) 9 Page - Advanced Linear Devices

Back Button ALD1108EPC Datasheet HTML 2Page - Advanced Linear Devices ALD1108EPC Datasheet HTML 3Page - Advanced Linear Devices ALD1108EPC Datasheet HTML 4Page - Advanced Linear Devices ALD1108EPC Datasheet HTML 5Page - Advanced Linear Devices ALD1108EPC Datasheet HTML 6Page - Advanced Linear Devices ALD1108EPC Datasheet HTML 7Page - Advanced Linear Devices ALD1108EPC Datasheet HTML 8Page - Advanced Linear Devices ALD1108EPC Datasheet HTML 9Page - Advanced Linear Devices ALD1108EPC Datasheet HTML 10Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ALD1108E/ALD1110E
Advanced Linear Devices
9
DEFINITION OF TERMS
Bias Voltage (V BIAS)
Bias Voltage of an EPAD is the voltage across Gate and Source terminals with Gate and Drain connected at a specified
Drain to Source Current, IDS. When IDS = 1µA, Bias Voltage is identical to Threshold Voltage. Input Bias Voltage of an
EPAD is the voltage across Gate and Source terminals, VGS. Output Bias Voltage of an EPAD is the voltage across Drain
and Source terminals VDS at a specified Drain to Source Current, IDS .
Change in Threshold Voltage Per Programming Pulse (
∆Vt/ N)
This is the voltage change in Threshold Voltage while the EPAD is being programmed with an electrical voltage pulse.
This voltage change can be very small as it varies as an exponential function of Vt. Typical initial values range from
0.1 mV/step to 1.0mV/step when Vt = 1 Volt and decreases to 10
µV/step or lower at higher Vt values.
Delta Threshold Voltage (
∆Vt)
Delta Threshold Voltage is a change in the threshold voltage of the same EPAD device after programming.
Differential Threshold Voltage (DVt)
Differential Threshold Voltage is the difference of Vt between the two EPAD devices, each electrically programmed to a
different Vt value. This is also a fixed relative voltage that tracks with temperature, with tempco value of TC DVt for 1 volt
relative Vt between two EPADs.
EPAD™
Electrically Programmable Analog Device is an Integrated Circuit that utilizes CMOS FET with electrically programmable
Threshold Voltage. Once programmed, the set Threshold Voltage is retained indefinitely, even when power is off.
Initial Threshold Voltage (Vti)
The initial Vt of a device before being electrically programmed to a new Vt value.
Initial Zero Tempco Voltage (VZTCi)
Initial Drain Voltage at which the Temperature Coefficient of the Drain-Gate connected Voltage, relative to the Source
Voltage, is at zero, when the initial Vt is at 1.000 volt.
Long Term Drift (
∆Vt /∆t)
Long Term Drift is the nominal change in threshold voltage of an EPAD for a time period of 1,000 hours.
Long Term Drift Match (
∆Vt /∆t)
Long Term Drift Match is the nominal match in long term drift between two EPADs, for a time period of 1,000 hours.
Monotonic Adjustment of Vt
Vt Adjustment can be changed in one direction only.
Offset Voltage (VOS)
Offset Voltage is the small difference in Vt between two EPAD devices when the two devices have the same initial
electrically programmed Vt values.
Programming Voltage (Vp)
The voltage at which programming of the threshold voltage of the EPAD occurs. This voltage, the control of timing of this
voltage and the impedance of the voltage source is critical to the way the EPAD is programmed and its subsequent device
performance. The user is advised to use an ALD EPAD programmer which has been specifically designed and developed
for this task.
Relaxation Time Constant (tRLX)
Relaxation Time Constant is the time constant associated with the Relaxation Voltage drop after an EPAD has
been programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com