Electronic Components Datasheet Search
  English  ▼

X  

LE200S70CD Datasheet(PDF) 1 Page - SL Power Electronics

Part # LE200S70CD
Description  200W Single Output LED Driver Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LE200S70CD Datasheet(HTML) 1 Page - SL Power Electronics

  LE200S70CD Datasheet HTML 1Page - SL Power Electronics LE200S70CD Datasheet HTML 2Page - SL Power Electronics LE200S70CD Datasheet HTML 3Page - SL Power Electronics LE200S70CD Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LE200S-CD
200W Single Output
LED Driver Series
1
www.slpower.com
LE200S-CD REV 2.0,11-FEB-13
Features
High Efficiency (up to 93%)
Wide Range Universal Input 90-305 VAC
Active Power Factor Correction (0.99 typical)
Constant Current Output
Dimming Function
Lightning Protection
Waterproof (IP67)
Overcurrent, Overvoltage, Overtemperature
Protection
Meets UL8750 & EN61347 Safety
3 Year Warranty
Description
The LE200S-CD Series operate from a 90 ~ 305Vac input range. These units will provide up to a 0.7A of
output current and a maximum output voltage of 285Vdc for 200 W maximum output power. They are designed
to be highly efficient and highly reliable. The standard features include dimming control, lightning protection,
over voltage protection, short circuit protection, and over temperature protection.
Model Selection
Model
Output
Output
Efficiency*
Ripple &
Regulation
Overvoltage
Number
Current
Voltage
110Vac
220Vac
Noise**
Line
Load
Trip Level
LE200S70CD
665mA-735mA
143V – 285V
90%-91%
92%-93%
8.6V pk-pk max.
±
1%
±
3%
342V – 428V
Notes:
1. Efficiency measured at full load, at input voltage noted.
2. Measured at 20MHz bandwidth, with noise probe directly across output terminals, and load terminated with 0.1µF ceramic and 10µF low ESR electrolytic
capacitors.
General Specifications
AC Input
90-305Vac, 47-63Hz, 1∅
Turn On Time
1.0 seconds, max.
Input Current
100Vac: 2.4A, 220Vac: 1.2A
Overload
Protection
Constant Current
Inrush Current
230Vac, cold start: will not exceed 65A
Dimming
Function
1-10Vdc source or External Resistor can be
used for dimming control. See below.
Input Fuses
XA, 250VAC fuses provided on all models


Similar Part No. - LE200S70CD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
LE200S70CD SLPOWER-LE200S70CD Datasheet
1Mb / 4P
200W Single Output LED Driver Series
More results

Similar Description - LE200S70CD

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-185H-C MEANWELL-HLG-185H-C Datasheet
406Kb / 6P
200W Single Output LED Power Supply
logo
SL Power Electronics
LE150S-VN SLPOWER-LE150S-VN Datasheet
641Kb / 3P
150W Single Output LED Driver Series
LE300S-VN SLPOWER-LE300S-VN Datasheet
812Kb / 3P
300W Single Output LED Driver Series
LE75SCD SLPOWER-LE75SCD Datasheet
1Mb / 4P
75W Single Output LED Driver Series
LE150SCD SLPOWER-LE150SCD Datasheet
946Kb / 4P
150W Single Output LED Driver Series
LE150SVN SLPOWER-LE150SVN Datasheet
645Kb / 3P
150W Single Output LED Driver Series
LES200SCD SLPOWER-LES200SCD Datasheet
1Mb / 4P
200W Single Output LED Driver Series
CINT1200 SLPOWER-CINT1200 Datasheet
495Kb / 3P
200W Single Output Industrial Series
logo
Mean Well Enterprises C...
PWM-200 MEANWELL-PWM-200 Datasheet
698Kb / 8P
200W Constant Voltage PWM Output LED Driver
PWM-200KN MEANWELL-PWM-200KN Datasheet
694Kb / 7P
200W Constant Voltage PWM Output KNX LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com