Electronic Components Datasheet Search
  English  ▼

X  

ALD1721 Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD1721
Description  EPAD??MICROPOWER OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1721 Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD1721 Datasheet HTML 1Page - Advanced Linear Devices ALD1721 Datasheet HTML 2Page - Advanced Linear Devices ALD1721 Datasheet HTML 3Page - Advanced Linear Devices ALD1721 Datasheet HTML 4Page - Advanced Linear Devices ALD1721 Datasheet HTML 5Page - Advanced Linear Devices ALD1721 Datasheet HTML 6Page - Advanced Linear Devices ALD1721 Datasheet HTML 7Page - Advanced Linear Devices ALD1721 Datasheet HTML 8Page - Advanced Linear Devices ALD1721 Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ALD1721E/ALD1721
Advanced Linear Devices
5
TA = 25
oC VS = ±5.0V unless otherwise specified
1721E
1721
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Initial Power Supply
PSRR i
83
83
dB
RS ≤ 100KΩ
Rejection Ratio
8
Initial Common Mode
CMRRi
83
83
dB
RS ≤ 100KΩ
Rejection Ratio
8
Large Signal Voltage Gain
AV
250
250
V/mV
RL = 100KΩ
Output Voltage Range
VO low
-4.98
-4.90
-4.98
-4.90
V
RL = 100KΩ
VO high
4.90
4.98
4.90
4.98
Bandwidth
BW
1.0
1.0
MHz
Slew Rate
SR
1.0
1.0
V/
µsAV = +1, CL = 50pF
VS = ±2.5V -55°C ≤ TA ≤ +125°C unless otherwise specified
1721E
1721
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Initial Input offset Voltage
VOS i
0.5
0.8
mV
RS ≤ 100KΩ
Input Offset Current
IOS
2.0
2.0
nA
Input Bias Current
IB
2.0
2.0
nA
Initial Power Supply
PSRR i
75
75
dB
RS ≤ 100KΩ
Rejection Ratio 8
Initial Common Mode
CMRR i
83
83
dB
RS ≤ 100KΩ
Rejection Ratio 8
Large Signal Voltage Gain
AV
15
50
15
50
V/mV
RL = 100KΩ
Output Voltage Range
VO low
-2.47
-2.40
-2.47
-2.40
V
VO high
2.35
2.45
2.35
2.45
V
RL = 100KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com