Electronic Components Datasheet Search
  English  ▼

X  

1SS181 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 1SS181
Description  SOT-23 Plastic-Encapsulate DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

1SS181 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  1SS181 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1SS181 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
P : 150 mW (Tamb=25 C)
I : 100 mA
V : 80V
T , T
: -55 C to +150 C
Features
Power dissipation
Forward Current
Reverse Voltage
Operating and storage junction temperature range
D
F
R
j
stg
o
o
o
SOT-23 Plastic-Encapsulate DIODE
3
1
2
SOT-23
Marking:A3
Parameter
Symbol
Test Condition
Unit
MAX.
MIN.
Diode Capacitance
Reverse Recovery Time
tot
C
trr
I
V
R
F
I =100mA
F
pF
nS
V
Forward Voltage
(Ta=25 C unless otherwise specified)
o
Reverse Voltage leakage current
Reverse breakdown voltage
V(BR)
I =100 A
R
80
0.5
1.2
V
A
V =80V
R
4
4
V =0V
f=1MHz
R
1.
1.3
2.4
Unit:mm
I =I =10mA
I =0.1I
F
R
rr
R
ELECTRICAL CHARACTERISTICS
1SS181
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 1SS181

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181 Datasheet
130Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATIONS)
07-May-1997
logo
TRANSYS Electronics Lim...
1SS181 TEL-1SS181 Datasheet
68Kb / 1P
Plastic-Encapsulated Diodes
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181 Datasheet
198Kb / 3P
Ultra High Speed Switching Application
01-Nov-2007
logo
Galaxy Semi-Conductor H...
1SS181 BILIN-1SS181 Datasheet
516Kb / 3P
Surface mount switching diode
Rev.A
logo
Guangdong Kexin Industr...
1SS181 KEXIN-1SS181 Datasheet
34Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION
More results

Similar Description - 1SS181

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
1SS184 WINNERJOIN-1SS184 Datasheet
70Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
1SS196 WINNERJOIN-1SS196 Datasheet
85Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
1SS226 WINNERJOIN-1SS226 Datasheet
88Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
BAS16 WINNERJOIN-BAS16 Datasheet
179Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
MMBZ5221B WINNERJOIN-MMBZ5221B Datasheet
137Kb / 2P
SOT-23 Plastic-Encapsulate Diode
1SS187 WINNERJOIN-1SS187_15 Datasheet
88Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
1SS193 WINNERJOIN-1SS193_15 Datasheet
88Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
1SS196 WINNERJOIN-1SS196_15 Datasheet
85Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
1SS226 WINNERJOIN-1SS226_15 Datasheet
88Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com