Electronic Components Datasheet Search
  English  ▼

X  

ALD1801 Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD1801
Description  8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1801 Datasheet(HTML) 6 Page - Advanced Linear Devices

  ALD1801 Datasheet HTML 1Page - Advanced Linear Devices ALD1801 Datasheet HTML 2Page - Advanced Linear Devices ALD1801 Datasheet HTML 3Page - Advanced Linear Devices ALD1801 Datasheet HTML 4Page - Advanced Linear Devices ALD1801 Datasheet HTML 5Page - Advanced Linear Devices ALD1801 Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ALD1801A/ALD1801B
Advanced Linear Devices
6
ALD1801
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY CURRENT AS A FUNCTION
OF TEMPERATURE
TEMPERATURE (
°C)
400
0
0
255075
100
800
ALL BITS "HIGH "
VREF = V+
RREF = 25K
200
600
125
-25
IS+
IS-
IS-
IS+
VS = ±2.5V
VS = ±1.65V
VS = ±1.65V
VS = ±2.5V
FULL SCALE OUTPUT CURRENT
AS A FUNCTION OF OUTPUT
VOLTAGE (COMPLIANCE)
SUPPLY VOLTAGE (V)
50
0
-2
-1
0
+1
+2
100
IREF = 100µA
IREF = 50µA
150
VS = ±2.5V
VS = ±1.65V
VS = ±2.5V VS = ±1.65V
FULL SCALE OUTPUT CURRENT
AS A FUNCTION
OF REFRENCE CURRENT
REFRENCE CURRENT (
µA)
50
0
25
50
75
100
125
100
150
VS = ±1.65V TO ±2.5V
25
75
125
150
0
PROPAGATION DELAY AS A FUNCTION
OF FULL SCALE OUTPUT CURRENT
OUTPUT CURRENT (
µA)
1.3
20
40
60
80
100
1.7
1.1
1.5
120
0
1.9
FULL SCALE OUTPUT CURRENT
AS A FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
80
60
40
20
0
0
±1
±2
±3
±4
±5
±6
100
IREF = 100µA
IREF = 50µA
SUPPLY CURRENT AS A FUNCTION
OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
400
0
±1
±2
±3
±4
±5
800
FULL SCALE
TA = 25°C
200
600
±6
0
IREF = 100µA
IREF = 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com