Electronic Components Datasheet Search
  English  ▼

X  

ALD4501 Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD4501
Description  QUAD PRECISION HIGH SPEED MICROPOWER TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4501 Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD4501 Datasheet HTML 1Page - Advanced Linear Devices ALD4501 Datasheet HTML 2Page - Advanced Linear Devices ALD4501 Datasheet HTML 3Page - Advanced Linear Devices ALD4501 Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ALD4501
QUAD PRECISION HIGH SPEED MICROPOWER TIMER
PIN CONFIGURATION
APPLICATIONS.
• High speed one-shot (monostable)
pulse generation
• Precision timing
• Sequential timing
• Long delay timer
• Pulse width and pulse position
modulation
• Missing pulse detector
• Frequency divider
• Synchronized timer
GENERAL DESCRIPTION
The ALD4501 timer is a high performance QUAD monolithic timing circuit
built with advanced silicon gate CMOS technology. It offers the benefits of
high input impedance, thereby allowing smaller timing capacitors and
longer timing cycle; high speed with typical cycle time of 500ns; low power
dissipation for battery operated environment; and reduced supply current
spikes allowing smaller and lower cost decoupling capacitors. Each of the
four timers can be independently operated in either the monostable,
astable, or 50% duty cycle mode.
Each timer is capable of producing accurate time delays and oscillations in
both monostable and astable operation.
It operates in the one-shot
(monostable) mode or 50% duty cycle free running oscillation mode with a
single resistor and one capacitor.
The inputs and outputs are fully
compatible with CMOS, NMOS or TTL logic.
There are three matched internal resistors (approximately 200K
Ω each)
that set the threshold and trigger levels at two-thirds and one-third respec-
tively of V+. These levels can be adjusted by using the control terminal.
When the trigger input is below the trigger level, the output is in the high
state and sourcing 2mA. When the threshold input is above the threshold
level at the same time the trigger input is above the trigger level, the internal
flip-flop is reset, the output goes to the low state and sinks up to 10mA. The
reset input overrides all other inputs and when it is active (reset voltage less
than 1V), the output is in the low state. All four timers share the same control
and reset pins so that timing functions are synchronized.
FEATURES
• High speed operation -- 2MHz typical oscillation at 5V
• Each discharge output sinking current: 40mA at 5V
• Guaranteed low operating supply voltage of 2 to 12V
• Each timer is functionally equivalent to NE555 with greatly expanded
high and low frequency ranges
• High speed, low power, monolithic CMOS technology
• Low supply current 150
µA typical
• Extremely low trigger, threshold and reset currents -- 10pA typical
• Operates in both monostable and astable modes
• Fixed 50% duty cycle or adjustable duty cycle
• CMOS, NMOS and TTL compatible input/output
• Low supply current spikes
BLOCK DIAGRAM (EACH TIMER)
ADVANCED
LINEAR
DEVICES, INC.
Operating Temperature Range *
-55
°C to +125°C0°C to +70°C0°C to +70°C
20-Pin
20-Pin
20-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD4501 DE
ALD4501 SE
ALD4501 PE
ORDERING INFORMATION
* Contact factory for industrial temperature range
DE, PE, SE PACKAGE
V+
OUT1
THRES1
OUT2
THRES2
OUT3
THRES3
OUT4
CONT
DSC1
TRIG1
DSC2
TRIG2
DSC3
TRIG3
DSC4
TRIG4
THRES4
V-
RST
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OUTPUT
DISCHARGE
RESET
R
S
R
R
R
TRIGGER
CONTROL
THRESHOLD
V+
V-
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD4501

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4501 ALD-ALD4501_10 Datasheet
66Kb / 7P
QUAD PRECISION HIGH SPEED MICROPOWER TIMER
More results

Similar Description - ALD4501

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS514 STMICROELECTRONICS-TS514 Datasheet
58Kb / 7P
HIGH SPEED PRECISION QUAD OPERATIONAL AMPLIFIERS
Dec-1997
logo
Analog Devices
OP467 AD-OP467 Datasheet
242Kb / 16P
Quad Precision, High Speed Operational Amplifier
REV.C
logo
Advanced Linear Devices
ALD1502 ALD-ALD1502 Datasheet
38Kb / 4P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
logo
Analog Devices
OP467 AD-OP467_07 Datasheet
613Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev. F
logo
Advanced Linear Devices
ALD4501 ALD-ALD4501_10 Datasheet
66Kb / 7P
QUAD PRECISION HIGH SPEED MICROPOWER TIMER
ALD1502SAL ALD-ALD1502SAL Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
logo
Analog Devices
OP467 AD-OP467_15 Datasheet
488Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev.
logo
Motorola, Inc
MC14415 MOTOROLA-MC14415 Datasheet
256Kb / 7P
Quad Precision Timer/Driver
logo
ADL Embedded Solutions
ALD1502 ADL-ALD1502 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
logo
Advanced Linear Devices
ALD1502 ALD-ALD1502_V01 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com