Electronic Components Datasheet Search
  English  ▼

X  

ALD1706ASA Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD1706ASA
Description  ULTRA MICROPOWER RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1706ASA Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD1706ASA Datasheet HTML 1Page - Advanced Linear Devices ALD1706ASA Datasheet HTML 2Page - Advanced Linear Devices ALD1706ASA Datasheet HTML 3Page - Advanced Linear Devices ALD1706ASA Datasheet HTML 4Page - Advanced Linear Devices ALD1706ASA Datasheet HTML 5Page - Advanced Linear Devices ALD1706ASA Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ALD1706A/ALD1706B
Advanced Linear Devices
5
ALD1706/ALD1706G
TYPICAL PERFORMANCE CHARACTERISTICS
OPEN LOOP VOLTAGE GAIN AS A FUNCTION
OF SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
1000
100
10
1
0
±2
±4
±6
±8
±55°C ≤ TA ≤ +125°C
RL = 100KΩ
OUTPUT VOLTAGE SWING AS A FUNCTION
OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
±1
±2
±3
±4
±7
±6
±5
±6
±5
±4
±3
±2
±1
±25°C ≤ TA ≤ +125°C
RL = 100KΩ
INPUT OFFSET VOLTAGE AS A FUNCTION
OF AMBIENT TEMPERATURE
REPRESENTATIVE UNITS
AMBIENT TEMPERATURE (
°C)
-50
-25
0
+25
+50
+75
+100 +125
+4
+5
+3
+1
+2
0
-2
-1
-4
-3
-5
VS = ±2.5V
INPUT OFFSET VOLTAGE AS A FUNCTION
OF COMMON MODE INPUT VOLTAGE
COMMON MODE INPUT VOLTAGE (V)
-2
-1
0
+1
+3
+2
15
10
5
-5
-10
0
-15
VS = ±2.5V
TA = 25°C
SMALL - SIGNAL TRANSIENT
RESPONSE
100mV/div
50mV/div
10
µs/div
VS = ±2.5V
TA = 25°C
RL = 100KΩ
CL= 25pF
LARGE - SIGNAL TRANSIENT
RESPONSE
VS = ±1.0V
TA = 25°C
RL = 100KΩ
CL= 25pF
2V/div
500mV/div
10
µs/div
LARGE - SIGNAL TRANSIENT
RESPONSE
2V/div
10
µs/div
5V/div
VS = ±2.5V
TA = 25°C
RL = 100KΩ
CL= 25pF
OPEN LOOP VOLTAGE GAIN AS
A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
1
10
100
1K
10K
1M
10M
100K
120
100
80
60
40
20
0
-20
VS = ±2.5V
TA = 25°C
90
0
45
180
135



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com