Electronic Components Datasheet Search
  English  ▼

X  

ALD500 Datasheet(PDF) 10 Page - Advanced Linear Devices

Part # ALD500
Description  PRECISION INTEGRATING ANALOG PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD500 Datasheet(HTML) 10 Page - Advanced Linear Devices

Back Button ALD500 Datasheet HTML 3Page - Advanced Linear Devices ALD500 Datasheet HTML 4Page - Advanced Linear Devices ALD500 Datasheet HTML 5Page - Advanced Linear Devices ALD500 Datasheet HTML 6Page - Advanced Linear Devices ALD500 Datasheet HTML 7Page - Advanced Linear Devices ALD500 Datasheet HTML 8Page - Advanced Linear Devices ALD500 Datasheet HTML 9Page - Advanced Linear Devices ALD500 Datasheet HTML 10Page - Advanced Linear Devices ALD500 Datasheet HTML 11Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Advanced Linear Devices
ALD500AU/ALD500A/ALD500
EQUATIONS AND DERIVATIONS
Dual Slope Analog Processor equations and derivations
are as follows:
1
60Hz
2.0
20x10-6
=
~
=
~
=
~
DESIGN EXAMPLES
We now apply these equations in the following
design examples.
Design Example 1:
1. Pick resolution = 16 bit.
2. Pick tINT = 4x
= 4 x 16.6667 msec.
3. Pick clock period = 1.08507
µs and number of counts
4. Pick VINMAX value, e.g., VINMAX = 2.0 V
I BMAX = 20µA
RINT =
= 100 k
Ω
5. Applying equation (3) to calculate CINT:
6. Pick CREF and CAZ ≥ CINT: CREF
CAZ
0.33
µF
7. Pick tDINT = 2 x tINT = 133.3334 msec
8. Calculate VREF
VINTMAX . CINT . RINT
tDINT MAX
=
=
=
4 x 0.33 x 10-6 x 100 x 103
133.3334 x 10-3
0.99V
1.00V
= 0.0666667 sec.
V
V
1
RINT . CINT
VIN(t)dt =
∫
0
tINT
tDINT
VIN = VREF .
tINT
1
tINT . VIN =
VREF . tDINT
(2a)
(2)
(1)
CINT =
VINT
tINT . IB
(3)
RINT =
VINMAX
IBMAX
(4)
For VIN(t) = VIN (constant):
From equation (2a),
OR
Rearranging equations (3) and (4):
At VINT = VINT MAX, equation (6) becomes:
Combining (6a) and (7):
In equation (5b), substituting equation (8) for tINT:
For tDINT MAX = 2 x tINT,
equation (9) becomes:
VIN MAX . tINT
tDINT MAX
VIN . tINT
tDINT
(5a)
(5b)
tINT =
CINT . VINT
IB
(6)
IBMAX =
VINMAX
RINT
(7)
VREF =
VREF =
... tINT =
CINT . VINTMAX . RINT
VINMAX
(8)
VIN MAX .
tDINT MAX
VREF =
CINT . VINTMAX . RINT
VIN MAX
=
CINT . VINTMAX . RINT
tDINT MAX
(9)
VREF =
CINT . VINTMAX . RINT
2tINT
(10)
RINT . CINT
RINT . CINT
VREF . tDINT
RINT . CINT
...
tINT = CINT
. VINTMAX
IBMAX
and
At VINMAX, the current IB is also at a maximum level,
for a given RINT value:
VIN
IB
=
(6a)
CINT = (0.0666667)(20x10-6)/4 where VINT = 4.0V
0.33
µF
Design Example 2:
1. Select resolution of 17 bit. Total number of
counts during tINT is131,072.
2. We can pick tINT of 16.6667 msec. x 5 = 83.3333 msec.
or alternately, pick t INT equal
16.6667 msec. x 6 = 100.00 msec.
(for 60 Hz rejection)
which is t INT = 20.00 msec. x 5
Therefore, using t INT = 100 msec. would achieve
both 50 Hz and 60 Hz cycle noise rejection. For this
example, the following calculations would assume
t INT of 100 msec. Now select period equal to
0.5425
µsec. (clock frequency of 1.8432 MHz)
= 66.6667ms
=
~
= 100.00 msec. (for 50 Hz rejection)
0.0666667
1.08507x10-6
over tINT =
= 61440



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com