Electronic Components Datasheet Search
  English  ▼

X  

ALD500ASC Datasheet(PDF) 11 Page - Advanced Linear Devices

Part # ALD500ASC
Description  PRECISION INTEGRATING ANALOG PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD500ASC Datasheet(HTML) 11 Page - Advanced Linear Devices

Back Button ALD500ASC Datasheet HTML 3Page - Advanced Linear Devices ALD500ASC Datasheet HTML 4Page - Advanced Linear Devices ALD500ASC Datasheet HTML 5Page - Advanced Linear Devices ALD500ASC Datasheet HTML 6Page - Advanced Linear Devices ALD500ASC Datasheet HTML 7Page - Advanced Linear Devices ALD500ASC Datasheet HTML 8Page - Advanced Linear Devices ALD500ASC Datasheet HTML 9Page - Advanced Linear Devices ALD500ASC Datasheet HTML 10Page - Advanced Linear Devices ALD500ASC Datasheet HTML 11Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ALD500AU/ALD500A/ALD500
Advanced Linear Devices
11
3. Pick VINMAX = ±2V
For I BMAX = 20µA, applying equation (4),
4. Calculate, using equation (3) for CINT:
Use CINT 0.47µF as the closest practical value.
5. Pick CREF and CAZ = 0.47 µF
6. Pick tDINT = 2 x tINT = 200 msec.
7. Calculate the value for VREF, from equation (10):
VREF =
2
20x10-6
= 0.83
µF
2
20x10-6
= 0.5
µF
CINT . VINTMAX . RINT
tDINT MAX
= 1.00V
= 0.1666667 sec.
0.5 x 10-6 x 4 x 100 x 103
200 x 10-3
~
Design Example 3:
1. Pick resolution of 18 bit. Total number of counts during
tINT is 262,144.
2. Pick tINT = 16.66667 msec. x 10 cycles
This t INT allows clock period of 0.5425 µsec.
and still achieve 18 bits resolution.
3. Again, as shown from previous example, pick VINMAX = ±2V
For I BMAX = 20 µA, RINT =
= 100 K
Ω
4. Next, we calculate CINT:
C INT = (0.1666667) x (20 x 10-6)/4
In this case, use CINT = 1.0
µF to keep
V INT < 4.0V
5. Pick CREF and CAZ = 1.0 µF
6. Select tDINT = 2 x tINT = 333.333 msec.
7. Calculate VREF as shown in the previous examples
and VREF = 1.00V
4
245776
or 16.276
µV/count
16.276
x
VINTMAX
VINMAX = 8.138 µV/count
20 x 10-6
2
= 100 K
Ω
Design Example 4:
Objective: 5 1/2 digit + sign +over-range measurement.
1. Pick tINT = 133.333 msec. for 60Hz noise rejection.
(16.6667 msec. x 8 cycles)
Frequency = 1.8432 MHz
clock period = 0.5425
µsec.
During Input Integrate Phase,
For VINT = 4.0V, the basic resolution is
For VINMAX = 2.00V, the input resolution is
2. Pick VIN range = ± 2V
For IB = 20 µA, RINT =
3. Calculate CINT = (0.133333) x (20 x 10-6)/4 = 0.67 µF
4. Pick CREF = CAZ = 0.67 µF
5. Select tDINT = 2 x tINT = 266.667 msec.
6. Calculate VREF as shown in Design Example 1,
substituting the appropriate values:
CINT . VINTMAX . RINT
tDINT MAX
VREF =
~
= 1.005V
RINT =
= 100 K
Ω
CINT = (0.1) x (20 x 10-6/4)
~
~
133.333 x 10-3
0.5425 x 10-6
=
(assume VINTMAX = 4V)
(VINTMAX = 4.0V)
total count =
= 245776



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com