Electronic Components Datasheet Search
  English  ▼

X  

PIC12F629-IP Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC12F629-IP
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F629-IP Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC12F629-IP Datasheet HTML 7Page - Microchip Technology PIC12F629-IP Datasheet HTML 8Page - Microchip Technology PIC12F629-IP Datasheet HTML 9Page - Microchip Technology PIC12F629-IP Datasheet HTML 10Page - Microchip Technology PIC12F629-IP Datasheet HTML 11Page - Microchip Technology PIC12F629-IP Datasheet HTML 12Page - Microchip Technology PIC12F629-IP Datasheet HTML 13Page - Microchip Technology PIC12F629-IP Datasheet HTML 14Page - Microchip Technology PIC12F629-IP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 136 page
background image
 2010 Microchip Technology Inc.
DS41190G-page 11
PIC12F629/675
TABLE 2-1:
SPECIAL FUNCTION REGISTERS SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOD
Page
Bank 0
00h
INDF(1)
Addressing this Location uses Contents of FSR to Address Data Memory
0000 0000
20,61
01h
TMR0
Timer0 Module’s Register
xxxx xxxx
29
02h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
19
03h
STATUS
IRP(2)
RP1(2)
RP0
TO
PD
ZDC
C
0001 1xxx
14
04h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
20
05h
GPIO
—
—
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
--xx xxxx
21
06h
—
Unimplemented
—
—
07h
—
Unimplemented
—
—
08h
—
Unimplemented
—
—
09h
—
Unimplemented
—
—
0Ah
PCLATH
—
—
—
Write Buffer for Upper 5 bits of Program Counter
---0 0000
19
0Bh
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 0000
15
0Ch
PIR1
EEIF
ADIF
—
—CMIF
—
—TMR1IF
00-- 0--0
17
0Dh
—
Unimplemented
—
—
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit Timer1
xxxx xxxx
32
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit Timer1
xxxx xxxx
32
10h
T1CON
—
TMR1GE
T1CKPS1
T1CKPS0 T1OSCEN
T1SYNC
TMR1CS
TMR1ON
-000 0000
35
11h
—
Unimplemented
—
—
12h
—
Unimplemented
—
—
13h
—
Unimplemented
—
—
14h
—
Unimplemented
—
—
15h
—
Unimplemented
—
—
16h
—
Unimplemented
—
—
17h
—
Unimplemented
—
—
18h
—
Unimplemented
—
—
19h
CMCON
—
COUT
—
CINV
CIS
CM2
CM1
CM0
-0-0 0000
38
1Ah
—
Unimplemented
—
—
1Bh
—
Unimplemented
—
—
1Ch
—
Unimplemented
—
—
1Dh
—
Unimplemented
—
—
1Eh
ADRESH(3)
Most Significant 8 bits of the Left Shifted A/D Result or 2 bits of the Right Shifted Result
xxxx xxxx
44
1Fh
ADCON0(3)
ADFM
VCFG
—
—
CHS1
CHS0
GO/DONE
ADON
00-- 0000
45,61
Legend:
— = unimplemented locations read as ‘
0’, u = unchanged, x = unknown, q = value depends on condition,
shaded = unimplemented
Note 1: This is not a physical register.
2: These bits are reserved and should always be maintained as ‘
0’.
3: PIC12F675 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com