Electronic Components Datasheet Search
  English  ▼

X  

2540 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 2540
Description  QUAD DARLINGTON POWER DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2540 Datasheet(HTML) 3 Page - Allegro MicroSystems

  2540 Datasheet HTML 1Page - Allegro MicroSystems 2540 Datasheet HTML 2Page - Allegro MicroSystems 2540 Datasheet HTML 3Page - Allegro MicroSystems 2540 Datasheet HTML 4Page - Allegro MicroSystems 2540 Datasheet HTML 5Page - Allegro MicroSystems 2540 Datasheet HTML 6Page - Allegro MicroSystems 2540 Datasheet HTML 7Page - Allegro MicroSystems 2540 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2540
QUAD DARLINGTON
POWER DRIVER
www.allegromicro.com
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
VOUT = 50 V, VIN = 0.8 V, VEN = 2.4 V
—
<1.0
100
µA
VOUT = 50 V, VIN = 2.4 V, VEN = 0.8 V
—
<1.0
100
µA
Output Sustaining Voltage
VCE(sus)
IOUT = 1.8 A, L = 3.0 mH
50
——
V
Output Saturation Voltage
VCE(SAT)
IOUT = 600 mA, VIN = VEN = 2.4 V
—
0.9
1.0
V
IOUT = 1.0 A, VIN = VEN = 2.4 V
—
1.0
1.2
V
IOUT = 1.8 A, VIN = VEN = 2.4 V
—
1.3
1.6
V
Input Voltage
Logic 1
VIN(1) or VEN(1)
2.4
——
V
Logic 0
VlN(0) or VEN(0)
——
0.8
V
Input Current
Logic 1
VIN(1) or VEN(1) = 2.4 V
——
10
µA
Logic 0
VlN(0) or VEN(0) = 0.8 V
——
-100
µA
Total Supply Current
ICC
VIN* = VEN = 2.4 V, VCC = 5.0 V,
—
14
20
mA
Outputs Open
VIN* = VEN = 0.8 V, VCC = 5.0 V
—
0.4
2.0
mA
Clamp Diode Forward Voltage
VF
IF = 1.0 A
—
1.3
1.6
V
IF = 1.8 A
—
1.6
2.0
V
Clamp Diode Leakage Current
IR
VR = 50 V
—
<1.0
100
µA
Typical Data is for design information only.
Negative current is defined as coming out of (sourcing) the specified terminal.
As used here, -100 is defined as greater than +10 (absolute magnitude convention) and the minimum is implicitly zero.
*All inputs simultaneously, all other tests are performed with each input tested separately.
ELECTRICAL CHARACTERISTICS at TA = 25
°C, T
J
≤ 150°C, V
CC = 4.75 V to 5.25 V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com