Electronic Components Datasheet Search
  English  ▼

X  

2543 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2543
Description  PROTECTED QUAD POWER DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2543 Datasheet(HTML) 1 Page - Allegro MicroSystems

  2543 Datasheet HTML 1Page - Allegro MicroSystems 2543 Datasheet HTML 2Page - Allegro MicroSystems 2543 Datasheet HTML 3Page - Allegro MicroSystems 2543 Datasheet HTML 4Page - Allegro MicroSystems 2543 Datasheet HTML 5Page - Allegro MicroSystems 2543 Datasheet HTML 6Page - Allegro MicroSystems 2543 Datasheet HTML 7Page - Allegro MicroSystems 2543 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PROTECTED
QUAD POWER DRIVER
Providing interface between low-level logic and power loads to
100 W, the UDx2543B and UDx2543EB quad power drivers combine
AND logic gates and high-current bipolar outputs. Each of the four
independent outputs can sink up to 700 mA in the ON state. The
outputs have a minimum breakdown voltage (load dump) of 60 V and
a sustaining voltage of 35 V. The inputs are compatible with most
TTL, DTL, LSTTL, and 5 V CMOS and PMOS logic systems.
Over-current protection has been designed into each channel of
the UDx2543B/EB and typically occurs at 1 A. It protects any one
channel from output short circuits with supply voltages up to 25 V.
When the maximum output current is reached, that output stage is
driven linearly. If the over-current condition continues, that output’s
thermal limiting will operate, limiting that output’s power dissipation to
approximately 2.4 W. The outputs also include diodes for voltage
clamping with inductive loads such as relays, solenoids, or dc stepper
motors.
These devices are supplied in a 16-pin power DIP of batwing
construction (suffix ‘B’) to provide for maximum package power dissi-
pation. They are also available in a 28-lead PLCC (suffix ‘EB’) for
surface-mount applications. All devices are rated for continuous
operation over the temperature range of -20
°C to +85°C (UDN2543B/
EB) or for use in automotive applications over an extended tempera-
ture range as the UDQ2543B/EB.
FEATURES
I 700 mA Output Current per Channel
I Low Output-Saturation Voltage
I Integral Output Transient-Suppression Diodes
I TTL, CMOS, PMOS, NMOS Compatible Inputs
I Independent Over-Current Protection for Each Output
1
2
3
14
4
5
6
7
8
9
10
11
12
13
15
16
ENABLE
GROUND
GROUND
OUT
2
K
GROUND
GROUND
OUT3
OUT4
K
OUT1
V
CC
IN 1
Dwg. PP-017-1
IN4
IN3
IN 2
UDN/UDQ2543B
ABSOLUTE MAXIMUM RATINGS
at TA = 25
°C
Output Voltage, VOUT . . . . . . . . . . . . . 60 V
Over-Current Protected Output Voltage,
VOUT . . . . . . . . . . . . . . . . . . . . . . . 25 V
Output Current, IOUT . . . . . . . . . . . . . 1.0 A*
Supply Voltage, VCC . . . . . . . . . . . . . . 7.0 V
Input Voltage, VIN or VEN . . . . . . . . . . 18 V
Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range, TA
(UDN2543B/EB) . . . .
-20
°C to +85°C
(UDQ2543B/EB) . . . .
-40
°C to +85°C
Storage Temperature Range,
TS . . . . . . . . . . . . . . . -55
°C to +150°C
*Outputs are peak current limited at approxi-
mately 1.0 A per driver. See Circuit Description
and Applications for further information.
Always order by complete part number:
Part Number
Package
Operating Temperature
UDN2543B
16-Pin DIP
-20
°C to +85°C
UDN2543EB
28-Lead PLCC
-20
°C to +85°C
UDQ2543B
16-Pin DIP
-40
°C to +85°C
UDQ2543EB
28-Lead PLCC
-40
°C to +85°C
2543


Similar Part No. - 2543

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2543 KR-2543 Datasheet
200Kb / 2P
Bandpass Filter
logo
Heyco.
2543 HEYCO-2543 Datasheet
132Kb / 1P
Break-Away Bumpers
2543 HEYCO-2543 Datasheet
132Kb / 1P
Break-Away Bumpers
logo
Alpha Wire
25430-15 ALPHAWIRE-25430-15 Datasheet
395Kb / 4P
18 (16/30) AWG Tinned Copper
25430-19 ALPHAWIRE-25430-19 Datasheet
396Kb / 4P
18 (16/30) AWG Tinned Copper
More results

Similar Description - 2543

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
Quad Fault Protected Peripheral Driver
logo
Allegro MicroSystems
2549 ALLEGRO-2549 Datasheet
137Kb / 8P
PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559 Datasheet
146Kb / 8P
PROTECTED QUAD POWER DRIVER
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Allegro MicroSystems
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
Protected Quad Driver
October 28, 2005
A2559 ALLEGRO-A2559 Datasheet
118Kb / 8P
PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559_07 Datasheet
469Kb / 8P
PROTECTED QUAD POWER DRIVER
logo
Linear Technology
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Allegro MicroSystems
UDK2559EBTR ALLEGRO-UDK2559EBTR Datasheet
465Kb / 8P
Protected Quad Power Driver
UDK2559LBTR ALLEGRO-UDK2559LBTR Datasheet
465Kb / 8P
Protected Quad Power Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com