Electronic Components Datasheet Search
  English  ▼

X  

2549 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2549
Description  PROTECTED QUAD POWER DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2549 Datasheet(HTML) 1 Page - Allegro MicroSystems

  2549 Datasheet HTML 1Page - Allegro MicroSystems 2549 Datasheet HTML 2Page - Allegro MicroSystems 2549 Datasheet HTML 3Page - Allegro MicroSystems 2549 Datasheet HTML 4Page - Allegro MicroSystems 2549 Datasheet HTML 5Page - Allegro MicroSystems 2549 Datasheet HTML 6Page - Allegro MicroSystems 2549 Datasheet HTML 7Page - Allegro MicroSystems 2549 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PROTECTED
QUAD POWER DRIVER
Providing improved output current limiting, the UDK/UDN/
UDQ2549B and UDK/UDN/UDQ2549EB quad power drivers combine
AND logic gates and high-current bipolar outputs with complete output
protection. Each of the four outputs will sink 600 mA in the on state.
The outputs have a minimum breakdown voltage (load dump) of 60 V
and a sustaining voltage of 40 V. The inputs are compatible with TTL
and 5 V CMOS logic systems.
Over-current protection for each channel has been designed into
these devices and is activated at approximately 1 A. It protects each
output from short circuits with supply voltages up to 25 V. When an
output current trip point is reached, that output stage is driven linearly
resulting in a reduced output current level. If an over-current or short
circuit condition continues, the thermal limiting circuits will first sense
the rise in junction temperature and then the rise in chip temperature,
further decreasing the output current. Under worst-case conditions,
the six devices in this family will tolerate short-circuits on all outputs,
simultaneously.
These devices can be used to drive various loads including
incandescent lamps (without warming or limiting resistors) or inductive
loads such as relays, solenoids, or dc stepping motors.
The suffix ‘B’ devices are 16-pin power DIPs while the suffix ‘EB’
devices are 28-lead power PLCCs for surface-mount applications.
Both packages are of batwing construction to provide for maximum
package power dissipation.
FEATURES
I 600 mA Output Current per Channel
I Independent Over-Current Protection for Each Driver
I Thermal Protection for Device and Each Driver
I Low Output-Saturation Voltage
I Integral Output Flyback Diodes
I TTL and 5 V CMOS Compatible Inputs
I Pin-Compatible With UDN2543B/EB
ABSOLUTE MAXIMUM RATINGS
at TA = 25
°C
Output Voltage, VOUT . . . . . . . . . . . . . 60 V
Over-Current Protected Output Voltage,
VOUT . . . . . . . . . . . . . . . . . . . . . . . 25 V
Output Current, IOUT . . . . . . . . . . . . . 1.0 A*
Supply Voltage, VCC . . . . . . . . . . . . . . 7.0 V
Input Voltage, VIN or VEN . . . . . . . . . . 7.0 V
Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range, TA
Prefix ‘UDK’ . . . . . . .
-40
°C to +125°C
Prefix ‘UDN’ . . . . . . . .
-20
°C to +85°C
Prefix ‘UDQ’ . . . . . . . .
-40
°C to +85°C
Storage Temperature Range,
TS . . . . . . . . . . . . . . . -55
°C to +150°C
*Outputs are peak current limited at approximately
1.0 A per driver. See Circuit Description and
Applications for further information.
Always order by complete part number: a prefix to indicate operating
temperature range + the basic four-digit part number + a suffix to
indicate package style, e.g., UDK2549EB .
UDx2549B
1
2
3
14
4
5
6
7
8
9
10
11
12
13
15
16
ENABLE
GROUND
GROUND
OUT
2
K
GROUND
GROUND
OUT3
OUT4
K
OUT1
V
CC
IN 1
Dwg. PP-017-1
IN4
IN3
IN 2
2549


Similar Part No. - 2549

ManufacturerPart #DatasheetDescription
logo
Heyco.
2549 HEYCO-2549 Datasheet
132Kb / 1P
Break-Away Bumpers
2549 HEYCO-2549 Datasheet
132Kb / 1P
Break-Away Bumpers
logo
SUYIN USA, INC.
254900FS SUYIN-USA-254900FS Datasheet
262Kb / 1P
2.54x2.54mm LOW PROFILE DUAL ROW SOCKET P.C.B. MOUNT STRAIGHT TYPE
logo
Alpha Wire
25491 ALPHAWIRE-25491 Datasheet
43Kb / 2P
2 COND Cabled
25491 ALPHAWIRE-25491 Datasheet
93Kb / 4P
Customer Specification
1/10/2023
More results

Similar Description - 2549

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
Quad Fault Protected Peripheral Driver
logo
Allegro MicroSystems
2543 ALLEGRO-2543 Datasheet
135Kb / 8P
PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559 Datasheet
146Kb / 8P
PROTECTED QUAD POWER DRIVER
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Allegro MicroSystems
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
Protected Quad Driver
October 28, 2005
A2559 ALLEGRO-A2559 Datasheet
118Kb / 8P
PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559_07 Datasheet
469Kb / 8P
PROTECTED QUAD POWER DRIVER
logo
Linear Technology
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Allegro MicroSystems
UDK2559EBTR ALLEGRO-UDK2559EBTR Datasheet
465Kb / 8P
Protected Quad Power Driver
UDK2559LBTR ALLEGRO-UDK2559LBTR Datasheet
465Kb / 8P
Protected Quad Power Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com