Electronic Components Datasheet Search
  English  ▼

X  

2SC388 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 2SC388
Description  TRANSISTOR (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SC388 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  2SC388 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2SC388 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
0.3
W (Tamb=25
℃)
Collector current
ICM:
50
mA
Collector-base voltage
V(BR)CBO:
30
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
10µA, IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
5mA, IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA, IC=0
4
V
Collector cut-off current
ICBO
VCB=30V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=3V, IC=0
0.1
µA
DC current gain
hFE(1)
VCE=12.5V, IC=12.5mA
20
200
Collector-emitter saturation voltage
VCE(sat)
IC=15mA, IB=1.5mA
0.2
V
Base-emitter saturation voltage
VBE(sat)
IC=15mA, IB=1.5mA
1.2
V
Transition frequency
fT
VCE=12.5V, IC=12.5mA
300
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
0.8
2
pF
Power Gain
Gpe
VCC=12.5V, Ic=12.5mA,
f=45MHZ
28
36
dB
1 2 3
TO-92
1.
EMITTER
2.
COLLECTOR
3.
BASE
2SC388
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 2SC388

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC388 ETC-2SC388 Datasheet
82Kb / 2P
TV FINAL PICTURE IF AMPLIFIER APPLICATIONS
logo
SeCoS Halbleitertechnol...
2SC388 SECOS-2SC388 Datasheet
121Kb / 2P
NPN Plastic-Encapsulated Transistor
logo
Jiangsu Changjiang Elec...
2SC388 JIANGSU-2SC388 Datasheet
1Mb / 4P
TO-92 Plastic-Encapsulate Transistors
logo
SHENZHEN KOO CHIN ELECT...
2SC388 KOOCHIN-2SC388 Datasheet
273Kb / 2P
TRANSISTOR (NPN)
logo
KEC(Korea Electronics)
2SC3880S KEC-2SC3880S Datasheet
177Kb / 5P
2SC3229
More results

Similar Description - 2SC388

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com