Electronic Components Datasheet Search
  English  ▼

X  

2559 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2559
Description  PROTECTED QUAD POWER DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2559 Datasheet(HTML) 1 Page - Allegro MicroSystems

  2559 Datasheet HTML 1Page - Allegro MicroSystems 2559 Datasheet HTML 2Page - Allegro MicroSystems 2559 Datasheet HTML 3Page - Allegro MicroSystems 2559 Datasheet HTML 4Page - Allegro MicroSystems 2559 Datasheet HTML 5Page - Allegro MicroSystems 2559 Datasheet HTML 6Page - Allegro MicroSystems 2559 Datasheet HTML 7Page - Allegro MicroSystems 2559 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Always order by complete part number: a prefix to
indicate operating temperature range + the basic four-digit
part number + a suffix to indicate package style, e.g., UDK2559LB .
UDx2559LB
UDx2559B
PROTECTED
QUAD POWER DRIVER
Providing improved output current limiting, the UDK, UDN, and
UDQ2559B, EB, and LB quad power drivers combine AND logic
gates and high-current bipolar outputs with complete output protection.
Each of the four outputs will sink 700 mA in the on state. The outputs
have a minimum breakdown voltage (load dump) of 60 V and a
sustaining voltage of 40 V. The inputs are compatible with TTL and
5 V CMOS logic systems.
Over-current protection for each channel has been designed into
these devices and is activated at approximately 1 A. It protects each
output from short circuits with supply voltages up to 25 V. When an
output current trip point is reached, that output stage is driven linearly
resulting in a reduced output current level. If an over-current or short-
circuit condition continues, the thermal-limiting circuits will first sense
the rise in junction temperature and then the rise in chip temperature,
further decreasing the output current. Under worst-case conditions,
these devices will tolerate short circuits on all outputs, simultaneously.
These devices can be used to drive various loads including incan-
descent lamps (without warming or limiting resistors) or inductive
loads such as relays, solenoids, or dc stepping motors.
The suffix ‘B’ devices are 16-pin power DIPs, the suffix ‘EB’
devices are 28-lead power PLCCs and suffix ‘LB’ devices are 16-lead
power SOICs for surface-mount applications. All three packages are
of batwing construction to provide for maximum package power
dissipation.
FEATURES
I 700 mA Output Current per Channel
I Independent Over-Current Protection for Each Driver
I Thermal Protection for Device and Each Driver
I Low Output-Saturation Voltage
I Integral Output Flyback Diodes
I TTL and 5 V CMOS Compatible Inputs
I Pin-Compatible With UDQ2543B/EB and UDK2549B/EB
ABSOLUTE MAXIMUM RATINGS
at TA = 25°C
Output Voltage, VOUT . . . . . . . . .
60 V
Over-Current Protected Output Voltage,
VOUT . . . . . . . . . . . . . . . . . . .
25 V
Output Current, IOUT . . . . . . . . . 1.0 A*
Supply Voltage, VCC .. . . . . . . . . 7.0 V
Input Voltage, VIN or VEN . . . . . . 7.0 V
Package Power Dissipation,
PD . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range, TA
Prefix ‘UDK’ . . . . -40
°C to +125°C
Prefix ‘UDN’ . . . . . -20
°C to +85°C
Prefix ‘UDQ’ . . . . . -40
°C to +85°C
Storage Temperature Range,
TS . . . . . . . . . . . . -55
°C to +150°C
*Outputs are peak current limited at
approximately 1.0 A per driver. See
Circuit Description and Application for
further information.
1
2
3
14
4
5
6
7
8
9
10
11
12
13
15
16
ENABLE
GROUND
GROUND
OUT
2
K
GROUND
GROUND
OUT3
OUT4
K
OUT1
V
CC
IN 1
Dwg. PP-017-1
IN4
IN3
IN 2
1
16
2559


Similar Part No. - 2559

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2559 ALLEGRO-2559 Datasheet
469Kb / 8P
PROTECTED QUAD POWER DRIVER
logo
List of Unclassifed Man...
2559 ETC2-2559 Datasheet
379Kb / 6P
Digital Storage Oscilloscopes
2559 ETC2-2559 Datasheet
3Mb / 6P
Bandwidth up to 300 MHz
logo
Heyco.
2559 HEYCO-2559 Datasheet
153Kb / 1P
Louvered Plugs
logo
Weidmuller
2559230000 WEIDMULLER-2559230000 Datasheet
303Kb / 4P
S2L 3.50/40/180G 3.5SN OR BX
More results

Similar Description - 2559

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
Quad Fault Protected Peripheral Driver
logo
Allegro MicroSystems
2543 ALLEGRO-2543 Datasheet
135Kb / 8P
PROTECTED QUAD POWER DRIVER
2549 ALLEGRO-2549 Datasheet
137Kb / 8P
PROTECTED QUAD POWER DRIVER
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Allegro MicroSystems
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
Protected Quad Driver
October 28, 2005
A2559 ALLEGRO-A2559 Datasheet
118Kb / 8P
PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559_07 Datasheet
469Kb / 8P
PROTECTED QUAD POWER DRIVER
logo
Linear Technology
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Allegro MicroSystems
UDK2559EBTR ALLEGRO-UDK2559EBTR Datasheet
465Kb / 8P
Protected Quad Power Driver
UDK2559LBTR ALLEGRO-UDK2559LBTR Datasheet
465Kb / 8P
Protected Quad Power Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com