Electronic Components Datasheet Search
  English  ▼

X  

A2557EB Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A2557EB
Description  PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2557EB Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A2557EB Datasheet HTML 3Page - Allegro MicroSystems A2557EB Datasheet HTML 4Page - Allegro MicroSystems A2557EB Datasheet HTML 5Page - Allegro MicroSystems A2557EB Datasheet HTML 6Page - Allegro MicroSystems A2557EB Datasheet HTML 7Page - Allegro MicroSystems A2557EB Datasheet HTML 8Page - Allegro MicroSystems A2557EB Datasheet HTML 9Page - Allegro MicroSystems A2557EB Datasheet HTML 10Page - Allegro MicroSystems A2557EB Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2557
PROTECTED QUAD DRIVER
WITH FAULT DETECTION
& SLEEP MODE
www.allegromicro.com
7
CIRCUIT DESCRIPTION AND APPLICATION (continued)
NORMAL LOAD
TIME
Dwg. WP-013-1
NOT TO SCALE
CURRENT LIMIT (12 V SUPPLY)
SHORT CIRCUIT
CURRENT LIMIT (24 V SUPPLY)
IN
FAULT
(SHORTED
LOAD)
FAULT
(OPEN
LOAD)
WITH OUTPUT CAPACITOR
Dwg. WP-035
Thermal considerations
Device power dissipation can be calculated as:
PD = (VO1 x IO1 x duty cycle1) + … + (VO4 x IO4 x duty cycle4)
+ (VCC x ICC)
Note - ICC is also modulated by the duty cycle, but this is a
reasonable approximation for most purposes.
This can then be compared against the permitted package
power dissipation, using:
Permitted PD = (150 – TA)/RθJA
where RθJA is given as:
28-lead PLCC (part number suffix ‘–EB’) = 36
°C/W
16-pin PDIP (part number suffix ‘–B’) =
43
°C/W
16-lead SOIC (part number suffix ‘–LB’) = 60
°C/W
The thermal resistance from junction to power tab (RθJT) is
about 6
°C/W for the three package types, therefore the power
dissipation can be improved by 20% to 30% by adding an area
of printed wiring board copper (typically 6 to 18 square
centimetres) connected to the power-tab GROUND terminals of
the device.
Under some conditions it is possible to get spurious
glitches on the FAULT output at load turn-on and turn-off
transitions:
•
Light load turn-off. Under light loading conditions the
turn-off delay (see characteristics above) of the output stage
increases and may result in a spurious fault output of a few
µs
(the duration being proportional to the turn-off delay). As it is
difficult to define this over all operating conditions, if a
particular application would be sensitive to this type of glitch,
then it is generally recommended to include a small (about
0.01
µF) smoothing/storage capacitor at the FAULT output.
•
Incandescent lamp turn-on. As described above, driving an
incandescent filament results in the driver operating in current
limit for a period after turn-on. During this period a “fault”
condition will be indicated (over current). As discussed above
this period can be 10s of ms. To avoid this indication, the
capacitor on the FAULT output would need to be increased to
provide an appropriate time constant. Alternatively, in a
microcontroller-based system, the code could be written to
ignore the FAULT condition for an appropriate period after
lamp turn on.
Correct FAULT operation cannot be guaranteed with an
unconnected output — unused outputs should not be turned on,
or unused outputs should be pulled high to >2.5 V, and/or
associated inputs tied low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com