Electronic Components Datasheet Search
  English  ▼

X  

A2557KB Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A2557KB
Description  PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2557KB Datasheet(HTML) 5 Page - Allegro MicroSystems

  A2557KB Datasheet HTML 1Page - Allegro MicroSystems A2557KB Datasheet HTML 2Page - Allegro MicroSystems A2557KB Datasheet HTML 3Page - Allegro MicroSystems A2557KB Datasheet HTML 4Page - Allegro MicroSystems A2557KB Datasheet HTML 5Page - Allegro MicroSystems A2557KB Datasheet HTML 6Page - Allegro MicroSystems A2557KB Datasheet HTML 7Page - Allegro MicroSystems A2557KB Datasheet HTML 8Page - Allegro MicroSystems A2557KB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2557
PROTECTED QUAD DRIVER
WITH FAULT DETECTION
& SLEEP MODE
www.allegromicro.com
5
The A2557 low-current quad power drivers provide the
same protected output driver function as (and are pin compat-
ible with) the UDx2543/49/59 devices, combined with a fault
diagnostic scheme similar to the UDx2547, plus an automatic
low-current Sleep-Mode function. These devices monitor their
outputs for fault (open or shorted) conditions. For each channel
the input and output levels are compared. If these are different
from the expected levels then a fault condition is flagged by
pulling the common FAULT output low.
Status
INN
ENABLE
OUTN
FAULT
Normal Load
HH
L
H
LH
H
H
Sleep Mode
XL
H
H
All L
X
H
H
Over-Current or
Short to Supply
HH
R
L
Open Load or
Short to Ground
LH
L
L
Thermal Fault
H
H
H
L
R = Linear drive, current limited.
The FAULT output is operational only if ENABLE is high.
The output state is detected by monitoring the OUTn terminal
using a comparator whose threshold is typically 2.5 V. In order
to detect open-circuit outputs, a 30
µA current sink pulls the
output below the comparator threshold. To ensure correct fault
operation, a minimum load of approximately 1 mA is required.
The fault function is disabled when in ‘sleep’ mode, i.e.,
FAULT goes high and the 30
µA output sinks are turned off.
The FAULT output is a switched current sink of typically
60
µA.
Each channel consists of a TTL/CMOS-compatible logic
input gated with a common ENABLE input. A logic high at the
input will provide drive to turn on the output npn switch. Each
output has a current-limit circuit that limits the output current
by detecting the voltage drop across a low-value internal
resistor in the emitter of the output switch. If this drop reaches
a threshold, then the base drive to the output switch is reduced
to maintain constant current in the output.
To keep the device within its safe operating area (SOA) this
output current limit is further reduced
CIRCUIT DESCRIPTION AND APPLICATION
•
if the power dissipation in the output device increases the
local junction temperature above 165
°C (nominal), so as to limit
the power dissipation (and hence the local junction tempera-
ture). As each channel has its own thermal limit circuitry this
provides some independence between the output channels, i.e.,
one channel can be operating in thermally reduced current limit,
while the others can provide full drive capability.
•
as a function of the output voltage. Full current limit of
500 mA (nominal) is available up to approximately VO = 8 V;
above this the limit is reduced linearly to about 350 mA at VO =
32 V. This helps to improve SOA by immediately reducing the
peak power pulse into a shorted load at high VO.
A logic low at the ENABLE input causes all outputs to be
switched off regardless of the state of the IN terminals. In
addition, the device is put into a low quiescent current ‘sleep’
mode, reducing ICC below 100
µA. If ENABLE is taken high
and any of the inputs go high, the circuit will ‘auto-wake-up’.
However, if the device is enabled, but all inputs stay low, then
the circuit remains in ‘sleep’ mode.
All outputs have internal flyback diodes, with a common-
cathode connection at the K terminal.
Incandescent lamp driver
High incandescent lamp turn-on (in-rush currents) can
contribute to poor lamp reliability and destroy semiconductor
lamp drivers. When an incandescent lamp is initially turned on,
the cold filament is at minimum resistance and would normally
allow a 10x to 12x in-rush current.
Warming (parallel) or current-limiting (series) resistors
protect both driver and lamp but use significant power either
when the lamp is off or when the lamp is on, respectively.
Lamps with steady-state current ratings up to 300 mA can be
driven without the need for warming or current-limiting
resistors, if lamp turn-on time is not a concern (10s of ms).
With these drivers, during turn-on, the high in-rush current
is sensed by the internal sense resistor, drive current to the
output stage is reduced, and the output operates in a linear mode
with the load current limited to approximately 500 mA. During
lamp warmup, the filament resistance increases to its maximum
value, the output driver goes into saturation and applies maxi-
mum rated voltage to the lamp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com