Electronic Components Datasheet Search
  English  ▼

X  

PM-R54 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PM-R54
Description  U-shaped Micro Photoelectric Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM-R54 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PM-R54 Datasheet HTML 1Page - Panasonic Semiconductor PM-R54 Datasheet HTML 2Page - Panasonic Semiconductor PM-R54 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PM
PM-Y54
PM-Y54P
Sensor
PM-R54
PM-R54P
Sensor
PM-F54
PM-F54P
Sensor
2-"3.5 "0.138 mounting holes
Operation indicator
(Vermilion)
Beam axis
Beam axis
6.4
0.252
2.5
0.098
6.5
0.256
8.5
0.335
15.5
0.610
1
0.039
6.8
0.268
5 0.197
21.5
0.846
7
0.276
3.3
0.130
11
0.433
3.5 0.138
7 0.276
2.9
0.114
12.6
0.496
5
0.197
13.4
0.528
2-"3.5 "0.138 mounting holes
Operation indicator
(Vermilion)
Beam axis
3.2
0.126
7
0.276
22.2
0.874
13.7
0.539
2.5
0.098
8.5
0.335
6.8
0.268
5 0.197
3.3 0.130
7
0.276
2.9
0.114
1
0.039
13.2
0.520
5
0.197
13.4
0.528
6.4
0.252
13.6
0.535
9
0.354
Beam axis
7
0.276
Beam axis
Beam axis
Operation indicator
(Vermilion)
1
0.039
5 0.197
6.8
0.268
13.2 0.520
6.4
0.252
2.5
0.098
2.9
0.114
7
0.276
3.3 0.130
7
0.276
3.2
0.126
22.2
0.874
2-"3.5 "0.138 mounting holes
7
0.276
5
0.197
13.4 0.528
13.6
0.535
9
0.354
8.5
0.335
13.7
0.539
V1
2
0 V
1.3
0.051
t 0.3
t 0.012
2.54
1.6
0.063
0.8
0.031
1
0.039
1
0.039
2.1
0.083
2.54
0.100 0.100 0.100
2.54
mTerminal part (PM- 54, PM- 54P)
PM-T54
PM-T54P
PM-L54
PM-L54P
Sensor
Sensor
6.4
0.252
Beam axis
3
0.118
7 0.276
8.5 0.335
22.2
0.874
Beam axis
5 0.197
6.8
0.268
2.9
0.114
13
0.512
6.3
0.248
19
0.748
26
1.024
6.2
0.244
3.2
0.126
2.5
0.098
4.3
0.169
Operation indicator
(Vermilion)
2-mounting oblong holes
1
0.039
5
0.197
13.4 0.528
13.7 0.539
Beam axis
Beam axis
6.4
0.252
7.2
0.283
5
0.197
6.8
0.268
8.5 0.335
13.4
0.528
4-R2 R0.079
3.6
0.142
2.9
0.114
26 1.024
2-"3.2 "0.126 mounting holes
19 0.748
2-mounting oblong holes
Operation indicator
(Vermilion)
1 0.039
9 0.354
14.5
0.571
15.5
0.610
5
0.197
13.4 0.528
6.5
0.256
7
0.276
19
0.748
3.2
0.126
3.3
0.130



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com