Electronic Components Datasheet Search
  English  ▼

X  

SP2-DC12V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # SP2-DC12V
Description  2c 15A, 4c 10A polarized power relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SP2-DC12V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  SP2-DC12V Datasheet HTML 1Page - Panasonic Semiconductor SP2-DC12V Datasheet HTML 2Page - Panasonic Semiconductor SP2-DC12V Datasheet HTML 3Page - Panasonic Semiconductor SP2-DC12V Datasheet HTML 4Page - Panasonic Semiconductor SP2-DC12V Datasheet HTML 5Page - Panasonic Semiconductor SP2-DC12V Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
SP
ASCTB208E 201202-T
TYPES
Standard packing (2 Form C): Carton: 20 pcs.; Case: 200 pcs.
Standard packing (4 Form C): Carton: 10 pcs.; Case: 100 pcs.
Note: PC board type and 1 coil latching type are manufactured by lot upon receipt of order.
* For terminal sockets and mounting boards sockets, see page 152 and 153.
RATING
1. Coil data
1) Single side stable
2) 2 coil latching
Contact arrangement
Nominal coil voltage
Single side stable
2 coil latching
Part No.
Part No.
2 Form C
3V DC
SP2-DC3V
SP2-L2-DC3V
5V DC
SP2-DC5V
SP2-L2-DC5V
6V DC
SP2-DC6V
SP2-L2-DC6V
12V DC
SP2-DC12V
SP2-L2-DC12V
24V DC
SP2-DC24V
SP2-L2-DC24V
48V DC
SP2-DC48V
SP2-L2-DC48V
4 Form C
3V DC
SP4-DC3V
SP4-L2-DC3V
5V DC
SP4-DC5V
SP4-L2-DC5V
6V DC
SP4-DC6V
SP4-L2-DC6V
12V DC
SP4-DC12V
SP4-L2-DC12V
24V DC
SP4-DC24V
SP4-L2-DC24V
48V DC
SP4-DC48V
SP4-L2-DC48V
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
3V DC
70%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
100mA
30
Ω
300mW
150%V of
nominal voltage
5V DC
60.2mA
83
Ω
6V DC
50mA
120
Ω
12V DC
25mA
480
Ω
24V DC
12.5mA
1,920
Ω
48V DC
6.2mA
7,700
Ω
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
3V DC
70%V or less of
nominal voltage
(Initial)
70%V or less of
nominal voltage
(Initial)
100mA
100mA
30
Ω
30
Ω
300mW
300mW
150%V of
nominal voltage
5V DC
60.2mA
60.2mA
83
Ω
83
Ω
6V DC
50mA
50mA
120
Ω
120
Ω
12V DC
25mA
25mA
480
Ω
480
Ω
24V DC
12.5mA
12.5mA
1,920
Ω
1,920
Ω
48V DC
6.2mA
6.2mA
7,680
Ω
7,680
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com