Electronic Components Datasheet Search
  English  ▼

X  

UDN2559EB Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # UDN2559EB
Description  PROTECTED QUAD POWER DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDN2559EB Datasheet(HTML) 4 Page - Allegro MicroSystems

  UDN2559EB Datasheet HTML 1Page - Allegro MicroSystems UDN2559EB Datasheet HTML 2Page - Allegro MicroSystems UDN2559EB Datasheet HTML 3Page - Allegro MicroSystems UDN2559EB Datasheet HTML 4Page - Allegro MicroSystems UDN2559EB Datasheet HTML 5Page - Allegro MicroSystems UDN2559EB Datasheet HTML 6Page - Allegro MicroSystems UDN2559EB Datasheet HTML 7Page - Allegro MicroSystems UDN2559EB Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2559
PROTECTED
QUAD POWER DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TYPICAL OUTPUT
CHARACTERISTIC
CIRCUIT DESCRIPTION AND APPLICATION
INCANDESCENT LAMP DRIVER
High incandescent lamp turn-ON/in-rush currents can contribute to
poor lamp reliability and destroy semiconductor lamp drivers. Warm-
ing or current-limiting resistors protect both driver and lamp but use
significant power either when the lamp is OFF or when the lamp is
ON, respectively. Lamps with steady-state current ratings up to 700
mA can be driven by these devices without the need for warming
(parallel) or current-limiting (series) resistors.
When an incandescent lamp is initially turned ON, the cold fila-
ment is at minimum resistance and would normally allow a 10x to 12x
in-rush current. With these drivers, during turn-ON, the high in-rush
current is sensed by the internal low-value sense resistor. Drive current
to the output stage is then diverted by the shunting transistor, and the
load current is momentarily limited to approximately 1.0 A. During
this short transition period, the output current is reduced to a value
dependent on supply voltage and filament resistance. During lamp
warmup, the filament resistance increases to its maximum value, the
output stage goes into saturation and applies maximum rated voltage to
the lamp.
INDUCTIVE LOAD DRIVER
Bifilar (unipolar) stepper motors, relays, or solenoids can be driven
directly. The internal flyback diodes prevent damage to the output transistors
by suppressing the high-voltage spikes that occur when turning OFF an
inductive load.
For rapid current decay (fast turn-OFF speeds), the use of Zener diodes
will raise the flyback voltage and inprove performance. However, the peak
voltage must not exceed the specified minimum sustaining voltage (VSUPPLY +
VZ + VF ≤ VOUT(SUS)).
FAULT CONDITIONS
In the event of a shorted load, the load current will attempt to
increase. As described above, the drive current to the affected output
stage is reduced, causing the output stage to go linear, limiting the peak
output current to approximately 1 A. As the power dissipation of that
output stage increases, a thermal gradient sensing circuit will become
operational, further decreasing the drive current to the affected output
stage and reducing the output current to a value dependent on supply
voltage and load resistance.
Continuous or multiple overload conditions causing the chip
temperature to reach approximately 165
°C will result in an additional
reduction in output current to maintain a safe level.
If the fault condition is corrected, the output stage will return to its
normal saturated condition.
TYPICAL OUTPUT BEHAVIOR
V
OUT(SAT)
Dwg. GP-013
OUTPUT CURRENT, I
OUT
T < 150
°C
T
= 165
°C
J
J
JUNCTION
TEMP. LIMIT
NOT TO SCALE
TRIP
I
THERMAL
GRADIENT
SENSING
NORMAL LAMP IN-RUSH CURRENT
TIME
THERMAL GRADIENT SENSING
CURRENT LIMIT
Dwg. WP-008
NOT TO SCALE
ITRIP
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com