Electronic Components Datasheet Search
  English  ▼

X  

LP2951 Datasheet(PDF) 17 Page - ON Semiconductor

Part # LP2951
Description  100 mA, Low Power Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2951 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button LP2951 Datasheet HTML 13Page - ON Semiconductor LP2951 Datasheet HTML 14Page - ON Semiconductor LP2951 Datasheet HTML 15Page - ON Semiconductor LP2951 Datasheet HTML 16Page - ON Semiconductor LP2951 Datasheet HTML 17Page - ON Semiconductor LP2951 Datasheet HTML 18Page - ON Semiconductor LP2951 Datasheet HTML 19Page - ON Semiconductor LP2951 Datasheet HTML 20Page - ON Semiconductor LP2951 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LP2950, LP2951, NCV2951
http://onsemi.com
17
xx
= 3.0, 3.3, or 5.0
y
= 3 or 5
yy
= 30, 33, or 50
z
= A or C
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAMS
2950
CZ−xx
ALYWWG
G
TO−92
Z SUFFIX
CASE 029
*
*This marking diagram also applies to NCV2951.
*
50−yG
ALYWW
50A−yG
ALYWW
50−yyG
ALYWW
DPAK
DT SUFFIX
CASE 369C
50AyyG
ALYWW
SOIC−8
D SUFFIX
CASE 751
Micro8
DM SUFFIX
CASE 846A
51CN
AWL
YYWWG
PDIP−8
N SUFFIX
CASE 626
1
8
51z
ALYW
G
1
8
51z−33
ALYW
G
1
8
51z−3
ALYW
G
1
8
PAyy
AYWG
G
1
8
P−yy
AYWG
G
1
8
2950A
CZ−xx
ALYWWG
G
51ACN
AWL
YYWWG
1
8
51CN−xx
AWL
YYWWG
1
8
51ACN−xx
AWL
YYWWG
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com