Electronic Components Datasheet Search
  English  ▼

X  

4-250-4 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 4-250-4
Description  Every edding a specialist
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-250-4 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 4-250-4 Datasheet HTML 9Page - List of Unclassifed Manufacturers 4-250-4 Datasheet HTML 10Page - List of Unclassifed Manufacturers 4-250-4 Datasheet HTML 11Page - List of Unclassifed Manufacturers 4-250-4 Datasheet HTML 12Page - List of Unclassifed Manufacturers 4-250-4 Datasheet HTML 13Page - List of Unclassifed Manufacturers 4-250-4 Datasheet HTML 14Page - List of Unclassifed Manufacturers 4-250-4 Datasheet HTML 15Page - List of Unclassifed Manufacturers 4-250-4 Datasheet HTML 16Page - List of Unclassifed Manufacturers 4-250-4 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
13
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
edding 8030 NLS high-tech marker
NLS marker with bullet tip,
permanent, low-odour ink
with low halogen content.
For low corrosion marking.
Colours: 002, 003.
Order no.
Box of 10 in each colour.
4-8030xxx*
edding 8300 industry permanent marker
Permanent marker with bullet tip,
highly permanent ink.
Ideal for writing on greasy and dusty surfaces.
Colours: 001–003.
Order no.
Box of 10 in each colour.
4-8300xxx*
edding 8404 aerospace marker
Aerospace marker with bullet tip,
permanent, low-odour, water-based
pigment ink, lightfast, smudge-proof
and water-resistant after drying.
Low-corrosion, resistant to many solvents
and paints. Ideal for writing on components.
Approved by British Aerospace to
ABP 9-3323 Class A.
Colour: 001.
Order no.
Box of 10.
4-8404001
edding 8750 industry paint marker
Paint marker with bullet tip,
highly permanent pigment ink,
with opaque lacquer finish.
Ideal for writing on greasy and
dusty surfaces.
Colours: 001–006, 049.
Order no.
Box of 10 in each colour.
4-8750xxx*
003
002
~1,5-3 mm
003
002
001
~1,5-3 mm
001
~0,75 mm
~2-4 mm
049
006
005
004
003
002
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com