Electronic Components Datasheet Search
  English  ▼

X  

2943 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 2943
Description  HIGH-CURRENT HALF-BRIDGE MOTOR DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2943 Datasheet(HTML) 3 Page - Allegro MicroSystems

  2943 Datasheet HTML 1Page - Allegro MicroSystems 2943 Datasheet HTML 2Page - Allegro MicroSystems 2943 Datasheet HTML 3Page - Allegro MicroSystems 2943 Datasheet HTML 4Page - Allegro MicroSystems 2943 Datasheet HTML 5Page - Allegro MicroSystems 2943 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2943
HIGH-CURRENT HALF-BRIDGE MOTOR DRIVER
ELECTRICAL CHARACTERISTICS at TA = +25°C, VS = +24 V (unless otherwise noted).
Source Driver
Sink Driver
Output
Limits
Characteristic
Symbol
Input, Pin 2
Input, Pin 5
Pin 4
Other
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
2.4 V
2.4 V
0 V
—
—
-10
-100
µA
(VS = +35 V)
2.4 V
2.4 V
35 V
—
—
10
100
µA
Output Sustaining Voltage
VCE(sus)
2.4 V
0.8 to 2.4 V
1.0 A
Fig. 1A
24
—
—
V
0.8 to 2.4 V
2.4 V
-1.0 A
Fig. 1B
24
—
—
V
Output Saturation Voltage
VCE(SAT)
0.8 V
2.4 V
-1.0 A
—
—
1.2
1.8
V
2.4 V
0.8 V
1.0 A
—
—
0.6
1.0
V
Short-Circuit Source Current
ISC
0.8 V
2.4 V
0 V
—
1.0
—
1.8
A
Logic Input Voltage
VIN(1)
—
—
——
2.0
——
V
VIN(0)
—
—
————
0.8
V
Input Current
IIN(1)
2.4 V
2.4 V
NC
—
—
10
100
µA
IIN(0)
0.8 V
0.8 V
NC
—
—
-50
-200
µA
Clamp Diode Forward Voltage
VF
NC
NC
1.0 A
Fig. 2
—
1.5
2.0
V
Logic Supply Current
IS
2.4 V
2.4 V
NC
—
—
15
30
mA
2.4 V
0.8 V
NC
—
—
55
75
mA
0.8 V
2.4 V
NC
—
—
30
40
mA
Thermal Shutdown Temperature
TJ
—
—
———
160
—
°C
Over-Voltage Shutdown
VS
——
—
—
24
—
35
V
Propagation Delay
tPD
2.4 V
2.4 V to 0.8 V
0.4 A
Fig. 3
—
0.6
—
µs
0.8 to 2.4 V
2.4 V
-0.4 A
Fig. 4
—
1.0
—
µs
2.4 V
0.8 to 2.4 V
0.4 A
Fig. 3
—
1.1
—
µs
2.4 to 0.8 V
2.4 V
-0.4 A
Fig. 4
—
0.6
—
µs
Notes: Negative current is defined as coming out of (sourcing) the specified device pin.
Typical Data is for design information only.
OUTPUT
CURRENT
SOURCE INPUT
VOLTAGE
SINK INPUT
Dwg. WP-024
VOLTAGE
+
0
–
SINKING CURRENT
SOURCING CURRENT
OPEN CIRCUIT
Dwg. WP-024



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com