Electronic Components Datasheet Search
  English  ▼

X  

2985 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 2985
Description  8-CHANNEL SOURCE DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2985 Datasheet(HTML) 2 Page - Allegro MicroSystems

  2985 Datasheet HTML 1Page - Allegro MicroSystems 2985 Datasheet HTML 2Page - Allegro MicroSystems 2985 Datasheet HTML 3Page - Allegro MicroSystems 2985 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2985
8-CHANNEL
SOURCE DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Limits
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
VIN = 0.4 V, VOUT = 0 V
<-1.0
-100
µA
Output Sustaining Voltage
VCE(sus)
lOUT = -120 mA, L = 3 mH
15
V
Output Saturation Voltage
VCE(SAT)
VIN = 2.4, lOUT = -60 mA
0.8
1.1
V
VIN = 2.4, lOUT = -120 mA
0.9
1.2
V
Input Current Voltage
IIN(ON)
VIN = 2.4 V
90
225
µA
VIN = 5.0 V
280
650
µA
IIN(OFF)
VIN = 0.4 V
10
15
µA
Supply Current
IS
VS = 30 V, VIN = 2.4 V
10
15
mA
(outputs open)
Clamp Diode
IR
VR = 30 V, TA = 70
°C
<1.0
50
µA
Leakage Current
Clamp Diode
VF
IF = 120 mA
1.1
2.0
V
Foward Voltage
Turn-On Delay
tON
0.5
1.0
µs
Turn-Off Delay
tOFF
5.0
10
µs
ELECTRICAL CHARACTERISTICS at TA = 25
°C, V
S = 30 V (unless otherwise noted).
COMMON-CATHODE LED DRIVER
NOTE: Negative current is defined as coming out of (sourcing) the specified device pin.
Dwg. No. DS-1014
Copyright © 1984, 2000 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com