Electronic Components Datasheet Search
  English  ▼

X  

ADE7912 Datasheet(PDF) 20 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADE7912 Datasheet HTML 16Page - Analog Devices ADE7912 Datasheet HTML 17Page - Analog Devices ADE7912 Datasheet HTML 18Page - Analog Devices ADE7912 Datasheet HTML 19Page - Analog Devices ADE7912 Datasheet HTML 20Page - Analog Devices ADE7912 Datasheet HTML 21Page - Analog Devices ADE7912 Datasheet HTML 22Page - Analog Devices ADE7912 Datasheet HTML 23Page - Analog Devices ADE7912 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
ADE7912/ADE7913
Data Sheet
Rev. 0 | Page 20 of 44
ADC Transfer Function
All ADCs in the ADE7912/ADE7913 produce 24-bit signed
output codes. With a full-scale input signal of 31.25 mV on the
current channel and 0.5 V on the voltage channels, and with an
internal reference of 1.2 V, the ADC output code is nominally
5,320,000 and usually varies for each ADE7912/ADE7913
around this value. The code from the ADC can vary between
0x800000 (−8,388,608) and 0x7FFFFF (+8,388,607); this is
equivalent to an input signal level of ±49.27 mV on the current
channel and ±0.788 V on the voltage channels. However, for
specified performance, do not exceed the nominal range of
±31.25 mV for the current channel and ±500 mV for the voltage
channels; ADC performance is guaranteed only for input
signals within these limits.
ADC Output Values
The ADC output values are stored in three 24-bit signed
registers, IWV, V1WV, and V2WV, at a rate defined by Bits[5:4]
(ADC_FREQ) in the CONFIG register. The output frequency is
8 kHz (CLKIN/512), 4 kHz (CLKIN/1024), 2 kHz (CLKIN/2048),
or 1 kHz (CLKIN/4096) based on ADC_FREQ being equal to
00, 01, 10, or 11, respectively, when CLKIN is 4.096 MHz.
The microcontroller reads the ADC output registers one at a
time or in burst mode. See the SPI Read Operation and the SPI
Read Operation in Burst Mode sections for more information.
REFERENCE CIRCUIT
The nominal reference voltage at the REF pin is 1.2 V. This
reference voltage is used for the ADCs in the ADE7912/
ADE7913. Because the on-chip dc-to-dc converter cannot
supply external loads, the REF pin cannot be overdriven by a
standalone external voltage reference.
The voltage of the ADE7912/ADE7913 reference drifts slightly
with temperature. Table 1 lists the gain drift over temperature
specification of each ADC channel. This value includes the
temperature variation of the ADC gain, together with the
temperature variation of the internal voltage reference.
CRC OF ADC OUTPUT VALUES
Every output cycle, the ADE7912/ADE7913 compute the cyclic
redundancy check (CRC) of the ADC output values stored in
the IWV, V1WV, and V2WV registers. Bits[5:4] (ADC_FREQ)
in the CONFIG register determine the ADC output frequency
and, therefore, the update rate of the CRC. The CRC algorithm
is based on the CRC-16-CCITT algorithm. The registers are
introduced into a linear feedback shift register (LFSR) based
generator one byte at a time, least significant byte first, as shown in
Figure 28. Each byte is then used with the most significant bit first.
The 16-bit result is written in the ADC_CRC register.
Figure 28. CRC Calculation of ADC Output Values
Figure 29. LFSR Generator Used for ADC_CRC Calculation
Figure 29 shows how the LFSR works. The IWV, V1WV, and
V2WV registers form the [a71, a70,…, a0] bits used by the LFSR.
Bit a0 is Bit 7 of the first register to enter the LFSR; Bit a71 is
Bit 16 of V2WV, the last register to enter the LFSR. The
formulas that govern the LFSR are as follows:
bi(0) = 1, where i = 0, 1, 2, …, 15, the initial state of the bits that
form the CRC. Bit b0 is the least significant bit, and Bit b15 is the
most significant bit.
gi, where i = 0, 1, 2, …, 15 are the coefficients of the generating
polynomial defined by the CRC-16-CCITT algorithm as
follows:
G(x) = x16 + x12 + x5 + 1
(1)
g0 = g5 = g12 = 1
(2)
All other gi coefficients are equal to 0.
FB(j) = aj − 1 XOR b15(j − 1)
(3)
b0(j) = FB(j) AND g0
(4)
bi(j) = FB(j) AND gi XOR bi − 1(j − 1), i = 1, 2, 3, …, 15 (5)
Equation 3, Equation 4, and Equation 5 must be repeated for j =
1, 2, …, 72. The value written into the ADC_CRC register contains
Bit bi(72), i = 0, 1, …, 15.
The ADC_CRC register can be read by executing an SPI
register read access or as part of the SPI burst mode read
operation. See the SPI Read Operation and the SPI Read
Operation in Burst Mode sections for more details.
TEMPERATURE SENSOR
The ADE7912/ADE7913 contain a temperature sensor that is
multiplexed with the V2P input of the voltage channel. Bit 3
(TEMP_EN) of the CONFIG register selects what the third
ADC of the ADE7913 measures. If the TEMP_EN bit is 0, its
default value, the ADC measures the voltage between the V2P
and VM pins. If the TEMP_EN bit is 1, the ADC measures the
temperature sensor. In the case of the ADE7912, the ADC always
measures the temperature sensor, and the state of the TEMP_EN
bit has no significance. In both the ADE7912 and the ADE7913,
the conversion result is stored in the V2WV register. The time it
+
LFSR
GENERATOR
a71
a48 a47
a24 a23
a0
0
7
8
15
16
23
IWV REGISTER
0
7
8
15
16
23
0
7
8
15
16
23
V1WV REGISTER
V2WV REGISTER
0
7
8
15
16
23
0
7
8
15
16
23
0
7
8
15
16
23
b0
LFSR
FB
g0
g1
g2
g15
b1
g3
b2
b15
a71, a70,....,a2, a1, a0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com