Electronic Components Datasheet Search
  English  ▼

X  

ADE7978 Datasheet(PDF) 47 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 43Page - Analog Devices ADE7978 Datasheet HTML 44Page - Analog Devices ADE7978 Datasheet HTML 45Page - Analog Devices ADE7978 Datasheet HTML 46Page - Analog Devices ADE7978 Datasheet HTML 47Page - Analog Devices ADE7978 Datasheet HTML 48Page - Analog Devices ADE7978 Datasheet HTML 49Page - Analog Devices ADE7978 Datasheet HTML 50Page - Analog Devices ADE7978 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 47 of 120
The maximum absolute value of Phase B is greatest during the
second PEAKCYC period; therefore, the maximum absolute value
is written to the least significant 24 bits of the IPEAK register,
and Bit 25 (IPPHASE[1]) in the IPEAK register is set to 1 at the
end of the period.
At the end of the peak detection period in the current channel,
Bit 23 (PKI) in the STATUS1 register is set to 1; if Bit 23 (PKI)
in the MASK1 register is set, the IRQ1 interrupt pin is driven
low at the end of the PEAKCYC period. In a similar way, at the
end of the peak detection period in the voltage channel, Bit 24
(PKV) in the STATUS1 register is set to 1; if Bit 24 (PKV) in the
MASK1 register is set, the IRQ1 interrupt pin is driven low at the
end of the PEAKCYC period. To identify the phase that triggered
the interrupt, the IPEAK or VPEAK register is read immediately
after reading the STATUS1 register. After identifying the phase
that triggered the interrupt, the status bits are cleared and the
IRQ1 pin is returned high by writing a 1 to Bit 23 (PKI) or Bit 24
(PKV) in the STATUS1 register.
Note that the internal zero-crossing counter is always active.
When Bits[4:2] (PEAKSEL[2:0]) are set in the MMODE register,
the first peak detection result is, therefore, not executed across a
full PEAKCYC period. Writing to the PEAKCYC register when
the PEAKSEL[2:0] bits are already initialized resets the zero-
crossing counter, thereby ensuring that the first peak detection
result is obtained across a full PEAKCYC period.
OVERVOLTAGE AND OVERCURRENT DETECTION
The ADE7978 detects when the instantaneous absolute value
measured on the phase voltage and current channels becomes
greater than the thresholds set in the 24-bit unsigned OVLVL
and OILVL registers (Address 0xE508 and Address 0xE507).
Overvoltage Detection
If Bit 18 (OV) in the MASK1 register is set, the IRQ1 interrupt
pin is driven low if an overvoltage event occurs. Two status flags
are set when an overvoltage event occurs: Bit 18 (OV) in the
STATUS1 register and one of Bits[11:9] (OVPHASE[2:0]) in the
PHSTATUS register (Address 0xE600). The OVPHASE[2:0] bits
identify the phase that generated the overvoltage. Bit 18 (OV) in
the STATUS1 register and Bits[11:9] (OVPHASE[2:0]) in the
PHSTATUS register are cleared and the IRQ1 pin is set high by
writing a 1 to Bit 18 (OV) in the STATUS1 register.
Figure 64 shows overvoltage detection in the Phase A voltage.
When the absolute instantaneous value of the voltage goes above
the threshold set in the OVLVL register, Bit 18 (OV) in the
STATUS1 register and Bit 9 (OVPHASE[0]) in the PHSTATUS
register are set to 1. Bit 18 (OV) of the STATUS1 register and
Bit 9 (OVPHASE[0]) in the PHSTATUS register are cleared
when a 1 is written to Bit 18 (OV) in the STATUS1 register.
OVLVL[23:0]
BIT 18 (OV) OF
STATUS1
BIT 9 (OVPHASE)
OF PHSTATUS
PHASE A
VOLTAGE CHANNEL
OVERVOLTAGE
DETECTED
STATUS1[18] AND
PHSTATUS[9]
CANCELLED BY A
WRITE OF STATUS1
WITH OV BIT SET.
Figure 64. Overvoltage Detection
The recommended procedure to manage overvoltage events is
as follows:
1. Enable overvoltage interrupts in the MASK1 register by
setting Bit 18 (OV) to 1.
2. When an overvoltage event occurs, the IRQ1 interrupt pin
goes low and Bit 18 (OV) in the STATUS1 register is set to 1.
3. Read the STATUS1 register to verify that Bit 18 is set to 1.
4. Read the PHSTATUS register (Bits[11:9]) to identify the
phase or phases on which the overvoltage event occurred.
5. Write a 1 to Bit 18 (OV) in the STATUS1 register to clear
Bit 18 and Bits[11:9] (OVPHASE[2:0]) of the PHSTATUS
register. The IRQ1 interrupt pin returns high.
Overcurrent Detection
If Bit 17 (OI) in the MASK1 register is set, the IRQ1 interrupt
pin is driven low when an overcurrent event occurs. Two status
flags are set when an overcurrent event occurs: Bit 17 (OI) in the
STATUS1 register and one of Bits[5:3] (OIPHASE[2:0]) in the
PHSTATUS register. The OIPHASE[2:0] bits identify the phase
that generated the overcurrent. The recommended procedure to
manage overcurrent events is as follows:
1. Enable overcurrent interrupts in the MASK1 register by
setting Bit 17 (OI) to 1.
2. When an overcurrent event occurs, the IRQ1 interrupt pin
goes low and Bit 17 (OI) in the STATUS1 register is set to 1.
3. Read the STATUS1 register to verify that Bit 17 is set to 1.
4. Read the PHSTATUS register (Bits[5:3]) to identify the
phase or phases on which the overcurrent event occurred.
5. Write a 1 to Bit 17 (OI) in the STATUS1 register to clear
Bit 17 and Bits[5:3] (OIPHASE[2:0]) of the PHSTATUS
register. The IRQ1 interrupt pin returns high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com