Electronic Components Datasheet Search
  English  ▼

X  

LP1025 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LP1025
Description  Switch-Mode LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LP1025 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LP1025 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INDUSTRIES CORP. 5625-A S. Arville, Las Vegas, NV 89118 Tel:702-364-9998 Fax: 702-364-1562 www.magtechind.com Anz106e
LED Driver
LP1025-xx Series
Switch-Mode LED Driver
Total Power
25 Watts
Input Voltages
90~264 VAC or 100-277VAC
Number of Outputs
One
Product
Specifications
ANZ#: Z106e, November 28, 2006
SPECIAL FEATURES
ELECTRICAL SPECIFICATIONS
• UL1310 / UL48 Class 2 compliant
• Single output, constant current or constant
voltage design
• IP66 compliant
• Designed for outdoor or indoor applications
• Compact, lightweight in plastic case
• PFC to reduce power consumption
ENVIRONMENTAL
Input range
Frequency
Power Factor
Inrush current
Input current
Efficiency
EMI filtering
Maximum power
Current Accuracy
Load regulation
Ripple/Noise
Leakage Current
Hold up time
Protection
90 ~ 264 VAC, Full range or 100~277VAC
47 to 63 Hz
> 0.92 at full load, 115VAC
20.0 Amps maximum at 230VAC, cold start, 25º C
0.4 Amps maximum at 115VAC
85% typical at maximum load
47CFR, Part 2, Part 15 and Cispr PUB, 22 Class B
25W
±1% (when applicable)
±3%
N/A
300uA typ.
Half cycle minimum at 120 VAC and 80% of rated
load
Over-voltage, Over current and Short circuit
protection: Auto-recovery
SAFETY
UL / cUL
UL1310 / UL48 Class 2 certified
CE
Certified
Operating temperature:
-30 to 60 º C
(De-rating : 1% per º C from 60~70ºC )
Storage temperature:
-40 to +85º C
Humidity (Non-Condensing):
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 50 Hz
MTBF:
>100,000 Hours at full load and 25ºC
ambient conditions (MIL-217F)
EMC :
Compliant to 47CFR, Part 2, Part15 and
Cispr PUB, 22 Class B
Constant Voltage Mode
Constant Current Mode
Output
Output
Model Number
V (DC)
A (mA)
Watts
Model Number
V (DC)
A (mA)
Watts
LP1025-36
36, ±5%
700
25
LP1025-36C0700
18 ~ 36
700, ±5%
25
LP1025-24
24, ±5%
1040
25
LP1025-24C1040
12 ~ 24
1040, ±5%
25
LP1025-12
12, ±5%
2080
25
LP1025-12C2080
8 ~ 12
2080, ±5%
25
MECHANICAL DRAWING


Similar Part No. - LP1025

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
LP1025 MARL-LP1025 Datasheet
65Kb / 1P
Switch-Mode LED Driver
logo
Taiyo Yuden (U.S.A.), I...
LP10252R7705U TAIYO-YUDEN-LP10252R7705U Datasheet
244Kb / 2P
Cylinder Type Electric Double-Layer Capacitor[LP series]
LP10252R7705U TAIYO-YUDEN-LP10252R7705U Datasheet
298Kb / 2P
Cylinder Type Electric Double-Layer Capacitor[RSELP]
2022.03.21
logo
Marl International Limi...
LP1025 MARL-LP1025_15 Datasheet
65Kb / 1P
Switch-Mode LED Driver
More results

Similar Description - LP1025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1020CC ETC1-LP1020CC Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP1020CV ETC1-LP1020CV Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP4240-12-YZ-E ETC1-LP4240-12-YZ-E Datasheet
54Kb / 2P
Switch-Mode LED Driver
logo
Marl International Limi...
LP1020CV MARL-LP1020CV Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP1040CC MARL-LP1040CC Datasheet
58Kb / 2P
Switch-Mode LED Driver
LP1090-36-YZ-E MARL-LP1090-36-YZ-E Datasheet
162Kb / 2P
Switch-Mode LED Driver
LP1240-12-YZ MARL-LP1240-12-YZ Datasheet
49Kb / 2P
Switch-Mode LED Driver
LP1020CC MARL-LP1020CC_15 Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP1020CV MARL-LP1020CV_15 Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP1025 MARL-LP1025_15 Datasheet
65Kb / 1P
Switch-Mode LED Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com