Electronic Components Datasheet Search
  English  ▼

X  

MB2061 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB2061
Description  Distinctive Characteristics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB2061 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB2061 Datasheet HTML 1Page - List of Unclassifed Manufacturers MB2061 Datasheet HTML 2Page - List of Unclassifed Manufacturers MB2061 Datasheet HTML 3Page - List of Unclassifed Manufacturers MB2061 Datasheet HTML 4Page - List of Unclassifed Manufacturers MB2061 Datasheet HTML 5Page - List of Unclassifed Manufacturers MB2061 Datasheet HTML 6Page - List of Unclassifed Manufacturers MB2061 Datasheet HTML 7Page - List of Unclassifed Manufacturers MB2061 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Pushbuttons
Series MB2000
Distinctive Characteristics
Guide interlocked with actuator block prevents window locking and
maintains correct plunger alignment to assure contact stability.
Employs an over-center actuator mechanism, which diminishes
sparking and increases operating life in AC circuits.
High torque bushing construction prevents rotation
or separation from frame during installation.
Splashproof option (D3 and B3 bushing codes) features an
o-ring within the bushing and one under the face nut
to protect from splashed, sprayed, or spilled liquids.
High insulating barriers, formed in the molded
diallyl phthalate case, increase isolation of circuits
in multipole devices.
Prominent external insulating barriers increase
insulation resistance and dielectric strength.
Epoxy sealed terminals prevent entry of solder
flux and other contaminants.
Clinching of the frame to the case well above the base
and terminals provides 1,500V dielectric strength.
Actual Size


Similar Part No. - MB2061

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2061LD1A NKK-MB2061LD1A Datasheet
238Kb / 8P
Miniature Pushbuttons
MB2061LD1G NKK-MB2061LD1G Datasheet
238Kb / 8P
Miniature Pushbuttons
MB2061LD1W NKK-MB2061LD1W Datasheet
238Kb / 8P
Miniature Pushbuttons
MB2061LD3A NKK-MB2061LD3A Datasheet
238Kb / 8P
Miniature Pushbuttons
MB2061LD3G NKK-MB2061LD3G Datasheet
238Kb / 8P
Miniature Pushbuttons
More results

Similar Description - MB2061

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HB16CKW01 ETC1-HB16CKW01 Datasheet
259Kb / 6P
Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
UB15SKW01N-A NKK-UB15SKW01N-A Datasheet
341Kb / 8P
Distinctive Characteristics
logo
List of Unclassifed Man...
A12AH ETC2-A12AH Datasheet
259Kb / 7P
Distinctive Characteristics
FP0115CAC1FF ETC2-FP0115CAC1FF Datasheet
347Kb / 4P
Distinctive Characteristics
logo
Advanced Micro Devices
AM27S33PC AMD-AM27S33PC Datasheet
103Kb / 4P
DISTINCTIVE CHARACTERISTICS
logo
List of Unclassifed Man...
E2013 ETC2-E2013 Datasheet
165Kb / 6P
Distinctive Characteristics
DA04T ETC2-DA04T Datasheet
130Kb / 4P
Distinctive features and specifications
VOY1511R2US ETC2-VOY1511R2US Datasheet
987Kb / 4P
Distinctive features and specification
FD1506-A ETC2-FD1506-A Datasheet
828Kb / 4P
Distinctive features and specifications
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2_16 Datasheet
176Kb / 4P
Distinctive Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com