Electronic Components Datasheet Search
  English  ▼

X  

S25FS128S Datasheet(PDF) 12 Page - SPANSION

Part # S25FS128S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS128S Datasheet(HTML) 12 Page - SPANSION

Back Button S25FS128S Datasheet HTML 8Page - SPANSION S25FS128S Datasheet HTML 9Page - SPANSION S25FS128S Datasheet HTML 10Page - SPANSION S25FS128S Datasheet HTML 11Page - SPANSION S25FS128S Datasheet HTML 12Page - SPANSION S25FS128S Datasheet HTML 13Page - SPANSION S25FS128S Datasheet HTML 14Page - SPANSION S25FS128S Datasheet HTML 15Page - SPANSION S25FS128S Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 154 page
background image
12
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
2.
Overview
2.1
General Description
The Spansion S25FS-S family devices are flash non-volatile memory products using:
 MirrorBit technology - that stores two data bits in each memory array transistor
 Eclipse architecture - that dramatically improves program and erase performance
 65 nm process lithography
TheS25FS-S family connects to a host system via a Serial Peripheral Interface (SPI). Traditional SPI single
bit serial input and output (Single I/O or SIO) is supported as well as optional 2-bit (Dual I/O or DIO) and 4-bit
wide Quad I/O (QIO) or Quad Peripheral Interface (QPI) serial commands. This multiple width interface is
called SPI Multi-I/O or MIO. In addition, there are Double Data Rate (DDR) read commands for QIO and QPI
that transfer address and read data on both edges of the clock.
The FS-S Eclipse architecture features a Page Programming Buffer that allows up to 512 bytes to be
programmed in one operation, resulting in faster effective programming and erase than prior generation SPI
program or erase algorithms.
Executing code directly from flash memory is often called Execute-In-Place or XIP. By using S25FS-S family
devices at the higher clock rates supported, with Quad or DDR Quad commands, the instruction read transfer
rate can match or exceed traditional parallel interface, asynchronous, NOR flash memories, while reducing
signal count dramatically.
The S25FS-S family products offer high densities coupled with the flexibility and fast performance required by
a variety of mobile or embedded applications. They are an excellent solution for systems with limited space,
signal connections, and power. They are ideal for code shadowing to RAM, executing code directly (XIP), and
storing reprogrammable data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com