Electronic Components Datasheet Search
  English  ▼

X  

LNH33009 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LNH33009
Description  Miniature Power PCB Relay LN/LNH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LNH33009 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LNH33009 Datasheet HTML 1Page - List of Unclassifed Manufacturers LNH33009 Datasheet HTML 2Page - List of Unclassifed Manufacturers LNH33009 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
n
1 pole 10A/16A, 1 form C (CO) or 1 form A (NO)
n
High performance 10A version (LN1)
n
16A High capacity version available (LN3)
n
Version for HOT-applications (LNH)
n
Flux proof
n
Plastic materials according to IEC 60335-1 (domestic appliances)
Typical applications
Domestic appliances
Approvals
VDE REG.-Nr. 40004596, UL E214025
Technical data of approved types on request
Contact Data
LN1
LN3
LNH
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
10A
16A1)
10A
Limiting making current
max 4 s, duty factor 10%
35A
35A
35A
Breaking capacity max.
2500VA
4000VA
2500VA
Contact material
AgSnO2
AgSnO2
AgSnO2
-
AgCdO
-
Frequency of operation, with/without load
180/18000h-1
Operate/release time max.
12/6ms
Bounce time max., form A/form B
3/20ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
LN133
A (NO)
10A, 250VAC, cos
φ=1, 85°C
250x103
LN333
A (NO)
16A, 250VAC, cos
φ=1, 85°C
50x103
LNH33
A (NO)
10A, 250VAC, cos
φ=1, 105°C
200x103
LNH33
A (NO)
8A, 250VAC, cos
φ=1, 105°C
250x103
UL 508
LN1
A (NO)
10A, 250VAC, general purpose, 85°C
200x103
LN3
A (NO)
16A, 250VAC, general purpose, 85°C
50x103
LNH
A (NO)
10A, 250VAC, resistive, 85°C
200x103
Mechanical endurance, DC coil
10x106 operations
1) LN3: For 16A at 85°C: coil power reduction to 50% necessary, for 16A with 100% coil
power: max. ambient temperature 75°C, for 100% coil power at 85°C: max. contact
current 15A
Coil Data
LN1
LN3
LNH
Coil voltage range
5 to 48 VDC 5 to 48 VDC 5 to 48 VDC
Operative range, IEC 61810
2
2
-
Opertive voltage range,
% of rated coil voltage
-
-
90 ... 110 %
Coil insulation system
according UL1446
class F
class F
class F
Coil Data (continued)
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
005
5
3.5
0.5
62
400
006
6
4.2
0.6
90
400
009
9
6.3
0.9
202
401
012
12
8.4
1.2
360
400
024
24
16.8
2.4
1440
400
036
36
25.2
3.6
3240
400
048
48
33.6
4.8
5760
400
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
2000Vrms
Clearance/creepage
between contact and coil
≥2.5/2.5mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI325
Other Data
LN1
LN3
LNH
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
according EN 60335, par.30
Ambient temperature, DC coil
-40 to 85°C -40 to 75°C -40 to 105°C
85°C1)
Category of environmental protection
IEC 61810
RTII - flux proof
Vibration resistance (functional),
form A/form B, 30 to 400Hz
>14/8g
Shock resistance (destructive)
100g
Terminal type
PCB-THT
Weight
12 g
Resistance to soldering heat THT
IEC 60068-2-20
270°C/10s
Packaging/unit
tube/25 pcs., box/1000 pcs.
1) LN3: For 16A at 85°C: coil power reduction to 50% necessary, for 16A with 100% coil
power: max. ambient temperature 75°C, for 100% coil power at 85°C: max. contact
current 15A
Miniature Power PCB Relay LN/LNH
F0278-B
Z
V


Similar Part No. - LNH33009

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LNH33009 MACOM-LNH33009 Datasheet
83Kb / 3P
Miniature Power Relay
More results

Similar Description - LNH33009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
MINIATURE PCB POWER RELAY
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
Miniature PCB Power Relay
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
Miniature PCB Power Relay
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
Miniature Power PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
Miniature Power PCB Relay
T7N MACOM-T7N Datasheet
157Kb / 3P
Miniature Power PCB Relay
LN133005 MACOM-LN133005 Datasheet
135Kb / 3P
Miniature Power Relay LN / LNH
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
miniature pcb power relay
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
miniature pcb power relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com