Electronic Components Datasheet Search
  English  ▼

X  

3134 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3134
Description  BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3134 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3134 Datasheet HTML 1Page - Allegro MicroSystems 3134 Datasheet HTML 2Page - Allegro MicroSystems 3134 Datasheet HTML 3Page - Allegro MicroSystems 3134 Datasheet HTML 4Page - Allegro MicroSystems 3134 Datasheet HTML 5Page - Allegro MicroSystems 3134 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Always order by complete part number, e.g., A3134ELT .
FEATURES
s Superior Temperature Stability
s Operation From Unregulated Supply
s Open-Collector 25 mA Output
s Reverse Battery Protection
s Activate With Small, Commercially Available Permanent Magnets
s Solid-State Reliability
s Small Size
s Resistant to Physical Stress
This low-hysteresis bipolar Hall-effect switch is an extremely
temperature-stable and stress-resistant sensor especially suited for
operation over extended temperature ranges to +150
°C. Superior
high-temperature performance is made possible through a novel Schmitt
trigger circuit that maintains operate and release point stability by
compensating for temperature changes in the Hall element. Additionally,
internal compensation provides magnetic switch points that become more
sensitive with temperature, hence offsetting the usual degradation of the
magnetic field with temperature. Its low hysteresis makes this device
ideal for detecting small changes in magnetic field strength or for use
with inexpensive magnets.
The device includes on a single silicon chip a voltage regulator,
quadratic Hall-voltage generator, temperature compensation circuit,
signal amplifier, Schmitt trigger, and a buffered open-collector output to
sink up to 25 mA. The on-board regulator permits operation with supply
voltages of 4.5 volts to 24 volts.
The first character of the part number suffix determines the device
operating temperature range. Suffix ‘E–’ is for -40
°C to +85°C, and
suffix ‘L–’ is -40
°C to +150°C. Two package styles provide a magneti-
cally optimized package for most applications. Suffix ‘–LT’ is a minia-
ture SOT89/TO-243AA transistor package for surface-mount applica-
tions while suffix ‘–UA’ is a three-lead ultra-mini-SIP.
Pinning is shown viewed from branded side.
ABSOLUTE MAXIMUM RATINGS
at T
A = +25°C
Supply Voltage, V
CC ............................. 30 V
Reverse Battery Voltage, V
RCC .......... -30 V
Magnetic Flux Density, B .......... Unlimited
Output OFF Voltage, V
OUT .................. 30 V
Reverse Output Voltage, V
OUT ........... -0.5 V
Continuous Output Current,
I
OUT ............................................ 25 mA
Operating Temperature Range, T
A
Suffix ‘E–’ .................. -40
°C to +85°C
Suffix ‘L–’ ................ -40
°C to +150°C
Storage Temperature Range,
T
S .............................. -65°C to +170°C
3134
BIPOLAR HALL-EFFECT SWITCH
FOR HIGH-TEMPERATURE OPERATION
Dwg. PH-003A
1
V
CC
3
2


Similar Part No. - 3134

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3134 ALLEGRO-3134 Datasheet
129Kb / 6P
BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
3134 ALLEGRO-3134 Datasheet
268Kb / 7P
BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
October 31, 2005
logo
List of Unclassifed Man...
3134 ETC2-3134 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3134 KR-3134 Datasheet
58Kb / 3P
491 MHz Center Frequency
logo
Allegro MicroSystems
3134 ALLEGRO-3134 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - 3134

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3134 ALLEGRO-3134 Datasheet
129Kb / 6P
BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901 Datasheet
235Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
3134 ALLEGRO-3134_05 Datasheet
268Kb / 7P
BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
October 31, 2005
logo
Unisonic Technologies
SK1812 UTC-SK1812_07 Datasheet
58Kb / 6P
BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816 UTC-SK1816_12 Datasheet
289Kb / 8P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_12 Datasheet
196Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_15 Datasheet
218Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1816A UTC-SK1816A_17 Datasheet
197Kb / 5P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1826 UTC-SK1826 Datasheet
193Kb / 5P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_17 Datasheet
222Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com