Electronic Components Datasheet Search
  English  ▼

X  

3175 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3175
Description  HALL-EFFECT LATCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3175 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3175 Datasheet HTML 1Page - Allegro MicroSystems 3175 Datasheet HTML 2Page - Allegro MicroSystems 3175 Datasheet HTML 3Page - Allegro MicroSystems 3175 Datasheet HTML 4Page - Allegro MicroSystems 3175 Datasheet HTML 5Page - Allegro MicroSystems 3175 Datasheet HTML 6Page - Allegro MicroSystems 3175 Datasheet HTML 7Page - Allegro MicroSystems 3175 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3175 AND 3177
HALL-EFFECT
LATCHES
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
NOTE: As used here, negative flux densities are defined as less than zero (algebraic convention).
Complete part number includes a suffix denoting package type (LT, U, or UA).
TA = +25
°CT
A = -20
°C to +85°C
Characteristic
Min.
Typ.
Max.
Min.
Typ.
Max.
Operate Point, BOP
UGN3175
25
—
170
15
—
180
UGN3177
50
—
150
25
—
150
Release Point, BRP
UGN3175
-170
—
-25
-180
—
-15
UGN3177
-150
—
-50
-150
—
-25
Hysteresis, Bhys
UGN3175
100
200
—
80
180
—
UGN3177
100
200
—
50
180
—
VCC
X
REG.
Dwg. FH-005-2
GROUND
OUTPUT
3
2
1
Part
Number*
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Operating
4.5
—
18
V
Output Saturation Voltage
VOUT(SAT)
VCC = 18 V, IOUT = 10 mA, B > BOP
—
200
300
mV
Output Leakage Current
IOFF
VOUT = 18 V, B < BRP
—
0.05
5.0
µA
Supply Current
ICC
VCC = 4.5 V, B < BRP (Output OFF)
—
5.0
10
mA
Output Rise Time
tr
VCC = 12 V, RL = 1.1 k
Ω, CL = 20 pF
—
0.04
2.0
µs
Output Fall Time
tf
VCC = 12 V, RL = 1.1 k
Ω, CL = 20 pF
—
0.18
2.0
µs
ELECTRICAL CHARACTERISTICS at TA = +25
°C, V
CC = 4.5 V to 18 V (unless otherwise noted).
MAGNETIC CHARACTERISTICS in gauss; VCC = 4.5 V to 18 V.
Copyright © 1991, 1999, Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com