Electronic Components Datasheet Search
  English  ▼

X  

CSD19531KCS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19531KCS
Description  100V N-Channel NexFE Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19531KCS Datasheet(HTML) 1 Page - Texas Instruments

  CSD19531KCS Datasheet HTML 1Page - Texas Instruments CSD19531KCS Datasheet HTML 2Page - Texas Instruments CSD19531KCS Datasheet HTML 3Page - Texas Instruments CSD19531KCS Datasheet HTML 4Page - Texas Instruments CSD19531KCS Datasheet HTML 5Page - Texas Instruments CSD19531KCS Datasheet HTML 6Page - Texas Instruments CSD19531KCS Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C,I D = 60A
TC = 125°C,I D = 60A
G001
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12
16
20
24
28
32
36
40
Qg - Gate Charge (nC)
ID = 60A
VDS = 50V
G001
Gate
(Pin 1)
Drain (Pin 2)
Source (Pin 3)
CSD19531KCS
www.ti.com
SLPS407 – SEPTEMBER 2013
100V N-Channel NexFET™ Power MOSFETs
Check for Samples: CSD19531KCS
1
FEATURES
2
•
Ultra Low Qg and Qgd
PRODUCT SUMMARY
•
Low Thermal Resistance
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain to Source Voltage
100
V
•
Avalanche Rated
Qg
Gate Charge Total (10V)
37
nC
•
Pb Free Terminal Plating
Qgd
Gate Charge Gate to Drain
7.5
nC
•
RoHS Compliant
VGS = 6V
7.3
m
Ω
RDS(on)
Drain to Source On Resistance
•
Halogen Free
VGS = 10V
6.4
m
Ω
•
TO-220 Plastic Package
VGS(th)
Threshold Voltage
2.7
V
APPLICATIONS
ORDERING INFORMATION
Device
Package
Media
Qty
Ship
•
Secondary Side Synchronous Rectifier
TO-220 Plastic
•
Hot Swap Telecom
CSD19531KCS
Tube
50
Tube
Package
•
Motor Control
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
TA = 25°C
VALUE
UNIT
This
100V,
6.4m
Ω,
TO-220
NexFET™
power
VDS
Drain to Source Voltage
100
V
MOSFET has been designed to minimize losses in
VGS
Gate to Source Voltage
±20
V
power conversion applications.
Continuous Drain Current (Package limited),
100
TC = 25°C
Pin Out Drawing
Continuous Drain Current (Silicon limited),
ID
105
A
TC = 25°C
Continuous Drain Current (Silicon limited),
67
TC = 100°C
IDM
Pulsed Drain Current (1)
122
A
PD
Power Dissipation
179
W
TJ,
Operating Junction and Storage
–55 to 150
°C
TSTG
Temperature Range
Avalanche Energy, single pulse
EAS
180
mJ
ID = 60A, L = 0.1mH, RG = 25Ω
(1) Pulse duration
≤300μs, Duty cycle ≤1%
RDS(on) vs VGS
GATE CHARGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD19531KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19531KCS TI1-CSD19531KCS Datasheet
838Kb / 7P
100V N-Channel NexFET??Power MOSFETs
logo
Inchange Semiconductor ...
CSD19531KCS ISC-CSD19531KCS Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD19531KCS TI2-CSD19531KCS Datasheet
1Mb / 14P
CSD19531KCS 100V N-Channel NexFET™ Power MOSFET
REVISED MAY 2024
CSD19531KCS.B TI2-CSD19531KCS.B Datasheet
1Mb / 14P
CSD19531KCS 100V N-Channel NexFET™ Power MOSFET
REVISED MAY 2024
More results

Similar Description - CSD19531KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
100V N-Channel NexFET Power MOSFETs
CSD85312Q3E TI1-CSD85312Q3E Datasheet
1Mb / 13P
Dual 20 V N-Channel NexFE Power MOSFETs
logo
Shindengen Electric Mfg...
P19LA10SL SHINDENGEN-P19LA10SL Datasheet
1Mb / 7P
Power MOSFETs 100V, 19A, N-channel
P23LA10SL SHINDENGEN-P23LA10SL Datasheet
1Mb / 7P
Power MOSFETs 100V, 23A, N-channel
P30LA10SL SHINDENGEN-P30LA10SL Datasheet
1Mb / 7P
Power MOSFETs 100V, 30A, N-channel
P32LF10SLK SHINDENGEN-P32LF10SLK Datasheet
1Mb / 7P
Power MOSFETs 100V, 32A, N-channel
P32LF10SN SHINDENGEN-P32LF10SN Datasheet
1Mb / 7P
Power MOSFETs 100V, 32A, N-channel
P40B10SL SHINDENGEN-P40B10SL Datasheet
1Mb / 7P
Power MOSFETs 100V, 40A, N-channel
P50LF10SL SHINDENGEN-P50LF10SL Datasheet
1Mb / 7P
Power MOSFETs 100V, 50A, N-channel
P88FP10SNK SHINDENGEN-P88FP10SNK Datasheet
1Mb / 7P
Power MOSFETs 100V, 88A, N-channel
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com