Electronic Components Datasheet Search
  English  ▼

X  

LM5116-HT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5116-HT
Description  WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5116-HT Datasheet(HTML) 1 Page - Texas Instruments

  LM5116-HT Datasheet HTML 1Page - Texas Instruments LM5116-HT Datasheet HTML 2Page - Texas Instruments LM5116-HT Datasheet HTML 3Page - Texas Instruments LM5116-HT Datasheet HTML 4Page - Texas Instruments LM5116-HT Datasheet HTML 5Page - Texas Instruments LM5116-HT Datasheet HTML 6Page - Texas Instruments LM5116-HT Datasheet HTML 7Page - Texas Instruments LM5116-HT Datasheet HTML 8Page - Texas Instruments LM5116-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LM5116-HT
www.ti.com
SLVSBS8A – OCTOBER 2013 – REVISED OCTOBER 2013
WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
Check for Samples: LM5116-HT
1
FEATURES
2
•
Emulated Peak Current Mode
SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
•
Wide Operating Range Up to 80 V
•
Controlled Baseline
•
Low IQ Shutdown (< 10 µA)
•
One Assembly and Test Site
•
Drives Standard or Logic Level MOSFETs
•
One Fabrication Site
•
Robust 3.5-A Peak Gate Drive
•
Available in Extreme (–55°C to 175°C)
•
Free-Run or Synchronous Operation to 1 MHz
Temperature Range
•
Optional Diode Emulation Mode
•
Extended Product Life Cycle
•
Programmable Output from 1.215 V to 80 V
•
Extended Product-Change Notification
•
Precision 1.5% Voltage Reference
•
Product Traceability
•
Programmable Current Limit
•
Texas Instruments' high temperature products
•
Programmable Soft-Start
utilize highly optimized silicon (die) solutions
•
Programmable Line Under-Voltage Lockout
with design and process enhancements to
•
Automatic Switch to External Bias Supply
maximize performance over extended
temperatures.
APPLICATIONS
•
Down-Hole Drilling
•
High Temperature Environments
DESCRIPTION
The LM5116 is a synchronous buck controller intended for step-down regulator applications from a high voltage
or widely varying input supply. The control method is based upon current mode control utilizing an emulated
current ramp. Current mode control provides inherent line feed-forward, cycle by cycle current limiting and ease
of loop compensation. The use of an emulated control ramp reduces noise sensitivity of the pulse-width
modulation circuit, allowing reliable control of very small duty cycles necessary in high input voltage applications.
The operating frequency is programmable from 50 kHz to 1 MHz. The LM5116 drives external high-side and low-
side NMOS power switches with adaptive dead-time control. A user-selectable diode emulation mode enables
discontinuous mode operation for improved efficiency at light load conditions. A low quiescent current shutdown
disables the controller and consumes less than 10 µA of total input current. Additional features include a high
voltage bias regulator, automatic switch-over to external bias for improved efficiency, thermal shutdown,
frequency synchronization, cycle by cycle current limit and adjustable line under-voltage lockout.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5116-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5116-HT TI2-LM5116-HT Datasheet
708Kb / 36P
WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
REVISED JANUARY 2014
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - LM5116-HT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116 TI-LM25116 Datasheet
1Mb / 36P
Wide Range Synchronous Buck Controller
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
Wide Range Synchronous Buck Controller
LM25116 TI1-LM25116_14 Datasheet
1Mb / 36P
Wide Range Synchronous Buck Controller
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
logo
Lowpower Semiconductor ...
LP6496 POWER-LP6496 Datasheet
424Kb / 6P
Wide Range Synchronous Buck Controller
logo
SHOUDING Shouding Semic...
SDA2717E SHOUDING-SDA2717E Datasheet
801Kb / 10P
Wide Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1483C HMSEMI-HM1483C Datasheet
607Kb / 9P
Wide Range Synchronous Buck Controller
HM1483B HMSEMI-HM1483B Datasheet
772Kb / 9P
Wide Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com