Electronic Components Datasheet Search
  English  ▼

X  

LM95071 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM95071
Description  LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM95071 Datasheet(HTML) 1 Page - Texas Instruments

  LM95071 Datasheet HTML 1Page - Texas Instruments LM95071 Datasheet HTML 2Page - Texas Instruments LM95071 Datasheet HTML 3Page - Texas Instruments LM95071 Datasheet HTML 4Page - Texas Instruments LM95071 Datasheet HTML 5Page - Texas Instruments LM95071 Datasheet HTML 6Page - Texas Instruments LM95071 Datasheet HTML 7Page - Texas Instruments LM95071 Datasheet HTML 8Page - Texas Instruments LM95071 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Temperature
Sensor
Circuitry
Control
Logic
Temperature
Register
Manufacturer's
ID Register
Three-Wire
Serial Interface
14-Bit
Delta-Sigma
A/D Converter
SI/O
SC
VDD
LM95071/
LM95071-Q1
CS
1
2
3
4
5
CS
GND
SI/O
SC
VDD
LM95071/
LM95071-Q1
LM95071, LM95071-Q1
www.ti.com
SNIS137D – AUGUST 2004 – REVISED SEPTEMBER 2013
LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
Check for Samples: LM95071, LM95071-Q1
1
FEATURES
•
Temperature Accuracy
–
0°C to 70°C ±1°C (max)
23
•
Small SOT-23 Package Saves Space
–
−40°C to 150°C ±2°C (max)
•
Shutdown Mode Conserves Power Between
Temperature Readings
•
Temperature Resolution 0.03125 °C
•
Operates Over a Full
−40°C to +150°C Range
DESCRIPTION
•
SPI and MICROWIRE Bus Interface
The LM95071/LM95071-Q1 is a low-power, high-
•
LM95071-Q1 is AEC-Q100 Grade 0 qualified
resolution digital temperature sensor with an SPI and
and is manufactured on an Automotive Grade
MICROWIRE compatible interface, available in the 5-
flow
pin
SOT-23.
The
host
can
query
the
LM95071/LM95071-Q1
at
any
time
to
read
APPLICATIONS
temperature. Its low operating current is useful in
systems where low power consumption is critical.
•
Automotive
The LM95071/LM95071-Q1 has 13-bit plus sign
•
System Thermal Management
temperature resolution (0.03125°C per LSB) while
•
Portable Electronic Devices
operating over a temperature range of
−40°C to
•
Personal Computers
+150°C.
•
Disk Drives
The LM95071/LM95071-Q1’s 2.4V to 5.5V supply
•
Office Electronics
voltage range, fast conversion rate, low supply
current, and simple SPI interface make it ideal for a
•
Electronic Test Equipment
wide range of applications.
KEY SPECIFICATIONS
•
Supply Voltage 2.4V to 5.5V
•
Supply Current
–
operating 280 µA (typ)
–
shutdown 6 µA (typ)
Simplified Block Diagram
Connection Diagram
SOT-23
(TOP VIEW)
See Package Number DBV (R-PDSO-G5)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TRI-STATE is a registered trademark of National Semiconductor Corporation.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM95071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM95071 TI1-LM95071 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI2-LM95071 Datasheet
634Kb / 22P
LM95071 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
REVISED AUGUST 2019
LM95071 TI2-LM95071 Datasheet
656Kb / 22P
LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
DECEMBER 2018
LM95071-Q1 TI1-LM95071-Q1 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071-Q1 TI2-LM95071-Q1 Datasheet
656Kb / 22P
LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
DECEMBER 2018
More results

Similar Description - LM95071

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM71 NSC-LM71 Datasheet
249Kb / 13P
SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM74A NSC-LM74A Datasheet
605Kb / 12P
SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70 TI-LM70_15 Datasheet
1Mb / 22P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM71 TI-LM71_15 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com