Electronic Components Datasheet Search
  English  ▼

X  

2SC2859 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 2SC2859
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SC2859 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  2SC2859 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2W OUTPUT AMPLIFIER OF PORTABLE
RADIOS IN CLASS
B PUSH-PULL OPERATION
to 2SA1298LT1
Dissipation:Pc=225mW
Complement
Collector Current:Ic=500mA
Collector
(Tc=25 C)
o
ABSOLUTE MAXIMUM RATINGS
(Ta=25 C)
o
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current
Collector Dissipation
Junction Temperature
Storage Temperature
Ta=25 C*
o
V
V
V
Ic
P
T
T
CBO
CEO
EBO
D
j
stg
V
V
V
mA
mW
C
O
O
C
Characteristic
NPN EPITAXIAL SILICON TRANSISTOR
2 S C 2 8 5 9 L T 1
*Total Device
Pulse Test: Pulse Width 300uS ,Duty cycle
2%
#
Dissipation:FR=1X0.75X0.062 in Board ,Derate 25 C
o
40
25
6
500
225
150
-55-150
Electrical Characteristics
(Ta=25 C)
o
Symbol
Test Conditions
Unit
MAX.
TYP.
MIN.
Emitter-Base Breakdown Voltage
DC Current Gain
Collector-Emitter Saturation Voltage
Output Capacitance
Current Gain-Bandwidth Product
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage#
Collector
Cutoff Current
Emitter Cutoff Current
DC Current Gain
DC Current Gain
Base-Emitter Saturation Voltage
Base-Emitter Voltage
BV
BV
CBO
CEO
I
h
h
h
V
V
V
C
EBO
FE1
FE2
FE3
CE(sat)
BE(sat)
BE
ob
BV
I
f
EBO
CBO
T
I =100uA
I =1mA
I =100uA
C
C
E
I =0
I =0
I =0
V
=35V, I =0
V
=6V, I =0
V
=1V, I =5mA
V
=1V, I =50mA
V
=1V, I =500mA
I =500mA, I =50mA
I =500mA, I =50mA
I
=1V, I =10mA
V
=10V, I =0,f=1MHz
V
=10V, I =50mA
E
B
C
CB
E
EB
C
CE
C
CE
C
CE
C
C
B
C
B
CE
C
CB
E
CE
C
V
V
V
mA
mA
40
25
6
45
85
30
100
100
300
0.5
1.2
1
100
PF
MHz
V
V
V
160
0.28
0.98
0.66
9
190
Characteristic
3
1
2
SOT-23
1.BASE
2.EMITTER
3.COLLECTOR
1.
1.3
2.4
Unit:mm
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 2SC2859

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2859 TOSHIBA-2SC2859 Datasheet
142Kb / 2P
TRANSISTOR (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
10-Apr-1997
logo
Galaxy Semi-Conductor H...
2SC2859 BILIN-2SC2859 Datasheet
161Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SC2859 KEXIN-2SC2859 Datasheet
36Kb / 1P
Silicon NPN Epitaxial
logo
SeCoS Halbleitertechnol...
2SC2859 SECOS-2SC2859 Datasheet
108Kb / 1P
NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC2859 HTSEMI-2SC2859 Datasheet
458Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SC2859

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com