Electronic Components Datasheet Search
  English  ▼

X  

3421 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 3421
Description  HALL-EFFECT, DIRECTION-DETECTION SENSORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3421 Datasheet(HTML) 5 Page - Allegro MicroSystems

  3421 Datasheet HTML 1Page - Allegro MicroSystems 3421 Datasheet HTML 2Page - Allegro MicroSystems 3421 Datasheet HTML 3Page - Allegro MicroSystems 3421 Datasheet HTML 4Page - Allegro MicroSystems 3421 Datasheet HTML 5Page - Allegro MicroSystems 3421 Datasheet HTML 6Page - Allegro MicroSystems 3421 Datasheet HTML 7Page - Allegro MicroSystems 3421 Datasheet HTML 8Page - Allegro MicroSystems 3421 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3421 AND 3422
HALL-EFFECT,
DIRECTION-DETECTION
SENSORS
www.allegromicro.com
TYPICAL A3421xKA CHARACTERISTICS
TYPICAL A3422xKA CHARACTERISTICS
0
50
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-026-1
0
10
OPERATE POINT
RELEASE POINT
150
-25
25
75
125
20
30
40
50
-50
-40
-30
-20
-10
V
= 8 V
CC
0
25
50
75
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-051-1
125
-25
20
0
150
80
100
60
40
V
= 8 V
CC
0
50
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-026-2
0
50
OPERATE POINT
RELEASE POINT
150
-25
25
75
125
100
150
200
250
-250
-200
-150
-100
-50
V
= 8 V
CC
0
25
50
75
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-051-2
125
-25
100
0
150
400
500
300
200
V
= 8 V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com