Electronic Components Datasheet Search
  English  ▼

X  

3425 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3425
Description  DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3425 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3425 Datasheet HTML 1Page - Allegro MicroSystems 3425 Datasheet HTML 2Page - Allegro MicroSystems 3425 Datasheet HTML 3Page - Allegro MicroSystems 3425 Datasheet HTML 4Page - Allegro MicroSystems 3425 Datasheet HTML 5Page - Allegro MicroSystems 3425 Datasheet HTML 6Page - Allegro MicroSystems 3425 Datasheet HTML 7Page - Allegro MicroSystems 3425 Datasheet HTML 8Page - Allegro MicroSystems 3425 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3425
DUAL, CHOPPER-STABILIZED,
ULTRA-SENSITIVE,
BIPOLAR HALL-EFFECT SWITCH
www.allegromicro.com
3
ELECTRICAL CHARACTERISTICS over operating temperature range, each switch tested
separately (unless otherwise specified).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage Range
VCC
Operating, TJ < 170
°C1
3.3
–
26.5
V
Output Leakage Current
IOFF
VOUT = 18 V, B < BRP
–
<1.0
10
µA
Output Saturation Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
–
225
400
mV
Output Current Limit
IOM
B > BOP
30
–
55
mA
Chopping Frequency
fC
–
340
–
kHz
Output Rise Time
tr
RL = 820
Ω, CL = 10 pF
–
110
–
ns
Output Fall Time
tf
RL = 820
Ω, CL = 10 pF
–
55
–
ns
Total Supply Current
ICC
Both outputs off, VCC
≤ 26.5 V
–
3.8
6.0
mA
Both outputs on, VCC
≤ 26.5 V
–
7.5
10
mA
Reverse Battery Current
ICC
VRCC = -18 V
–
2.0
15
mA
Zener Voltage
VZ + VD
ICC = 15 mA, TA = 25
°C
283337
V
Zener Impedance
zz + zD
ICC = 15 mA, TA = 25
°C
–
50
100
Ω
NOTES:1. Supply voltage is limited by allowable package power dissipation as a function of ambient temperature.
2. BOP = operate point (output turns on); BRP = release point (output turns off).
3. Typical Data is at TA = +25
°C and V
CC = 12 V and is for design information only.
MAGNETIC CHARACTERISTICS over operating supply voltage and temperature ranges, each
switch tested separately (unless otherwise specified).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operate Point
BOP1
–
8.0
24
G
BOP2
–11
24
G
Release Point
BRP1
-24
-11
–
G
BRP2
-24
-8.0
–
G
Hysteresis
Bhys
BOP – BRP
5.0
19
35
G
Operate Differential
BOP(dif)
BOP1 – BOP2
–
-2.0
±30
G
Release Differential
BRP(dif)
BRP1 – BRP2
–
-3.3
±30
G
Symmetry
Bsym
BOP + BRP
––
±30
G
NOTES:1. As used here, negative flux densities are defined as less than zero (algebraic convention) and -50 G is less than +10 G.
2. Typical Data is at TA = +25°C and VCC = 12 V and is for design information only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com