Electronic Components Datasheet Search
  English  ▼

X  

710222 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 710222
Description  Base strip - DFK-MSTB 2,5/ 7-GF-5,08 - 0710222
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

710222 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  710222 Datasheet HTML 1Page - PHOENIX CONTACT 710222 Datasheet HTML 2Page - PHOENIX CONTACT 710222 Datasheet HTML 3Page - PHOENIX CONTACT 710222 Datasheet HTML 4Page - PHOENIX CONTACT 710222 Datasheet HTML 5Page - PHOENIX CONTACT 710222 Datasheet HTML 6Page - PHOENIX CONTACT 710222 Datasheet HTML 7Page - PHOENIX CONTACT 710222 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/us/produkte/0710222
14.05.2013   Page 2 / 8
Base strip - DFK-MSTB 2,5/ 7-GF-5,08 - 0710222
Technical data
Technical data
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal voltage UN
320 V
Nominal cross section
2.5 mm²
Maximum load current
12 A
Insulating material
PA
Inflammability class according to UL 94
V2
Nominal voltage, UL/CUL Use Group B
300 V
Nominal current, UL/CUL Use Group B
15 A
Nominal voltage, UL/CUL Use Group D
300 V
Nominal current, UL/CUL Use Group D
15 A
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Classifications
ETIM
ETIM 3.0
EC001283
ETIM 4.0
EC001283
ETIM 5.0
EC001283
UNSPSC
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121409
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com