Electronic Components Datasheet Search
  English  ▼

X  

1757527 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1757527
Description  Header with side panels, plug-in direction parallel to the p.c.b.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757527 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1757527 Datasheet HTML 1Page - PHOENIX CONTACT 1757527 Datasheet HTML 2Page - PHOENIX CONTACT 1757527 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Module no:1757475 LabelId:1757475 Operator:Phoenix
16:21:06, Donnerstag, 28. Juni 2001
MSTBA 2,5/…-G
Header with side panels,
plug-in direction parallel to the p.c.b.
Pitch 5.0 or 5.08
Connection data
I
[A]
12
U
[V]
250
HCAK
Description
Header, 5.0 mm pitch,
color: green
Header, 5.08 mm pitch,
color: green
No. of
positions
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
2
3
4
5
6
Dim.
a
[mm]
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
5.08
10.16
15.24
20.32
25.40
Type
MSTBA 2,5/2-G
MSTBA 2,5/3-G
MSTBA 2,5/4-G
MSTBA 2,5/5-G
MSTBA 2,5/6-G
MSTBA 2,5/7-G
MSTBA 2,5/8-G
MSTBA 2,5/9-G
MSTBA 2,5/10-G
MSTBA 2,5/11-G
MSTBA 2,5/12-G
MSTBA 2,5/13-G
MSTBA 2,5/14-G
MSTBA 2,5/15-G
MSTBA 2,5/16-G
MSTBA 2,5/17-G
MSTBA 2,5/18-G
MSTBA 2,5/19-G
MSTBA 2,5/20-G
MSTBA 2,5/21-G
MSTBA 2,5/22-G
MSTBA 2,5/23-G
MSTBA 2,5/24-G
MSTBA 2,5/2-G-5,08
MSTBA 2,5/3-G-5,08
MSTBA 2,5/4-G-5,08
MSTBA 2,5/5-G-5,08
MSTBA 2,5/6-G-5,08
Order No.
17 57 47 5
17 57 48 8
17 57 49 1
17 57 50 1
17 57 51 4
17 55 49 3
17 57 52 7
17 57 53 0
17 57 54 3
17 57 55 6
17 57 56 9
17 57 57 2
17 57 58 5
17 57 59 8
17 57 60 8
17 57 61 1
17 57 62 4
17 57 63 7
17 57 64 0
17 57 65 3
17 57 66 6
17 57 67 9
17 57 68 2
17 57 24 2
17 57 25 5
17 57 26 8
17 57 27 1
17 57 28 4
Pcs.
Pkt.
50
50
Phoenix Contact Elektronischer Katalog
Page 1 / 3


Similar Part No. - 1757527

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757527 PHOENIX-1757527 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
1757527 PHOENIX-1757527 Datasheet
170Kb / 6P
MVSTBR 2,5/ 8-ST
1757527 PHOENIX-1757527 Datasheet
151Kb / 6P
MVSTBW 2,5/ 8-ST
1757527 PHOENIX-1757527 Datasheet
104Kb / 4P
MSTB 2,5/ 8-ST BD: 1-8
More results

Similar Description - 1757527

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
1803604 MICROCHIP-1803604 Datasheet
102Kb / 3P
plug-in direction parallel to the conductor axis
28. Juni 2001
logo
PHOENIX CONTACT
100946 PHOENIX-100946 Datasheet
97Kb / 3P
Header with side panels, plug-in direction vertical to the p.c.b.
logo
WECO ELECTRICAL CONNECT...
110-M-111 WECO-110-M-111 Datasheet
77Kb / 1P
Pin strip Plug-in direction parallel to PCB, flat side walls
07.19
120-M-211-SMD WECO-120-M-211-SMD Datasheet
146Kb / 1P
Pin strip for SMD Plug-in direction parallel to PCB, with side walls
11.17
120-M-211-THR WECO-120-M-211-THR Datasheet
85Kb / 1P
Pin strip for THR Plug-in direction parallel to PCB, with side walls
11.17
120-M-217 WECO-120-M-217 Datasheet
71Kb / 1P
Plug-in direction parallel to PCB, with fastening flanges
03.17
120-M-311 WECO-120-M-311 Datasheet
80Kb / 1P
Pin strip Plug-in direction parallel to PCB, with support
07.19
121-M-111 WECO-121-M-111 Datasheet
81Kb / 1P
Pin strip Plug-in direction parallel to PCB
07.19
121-ME-211 WECO-121-ME-211 Datasheet
85Kb / 1P
Pin strip Plug-in direction parallel to PCB
05.22
950-SLS WECO-950-SLS Datasheet
46Kb / 1P
Pin Strip Plug-in direction parallel to PCB
06.11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com