Electronic Components Datasheet Search
  English  ▼

X  

3507 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3507
Description  RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3507 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3507 Datasheet HTML 1Page - Allegro MicroSystems 3507 Datasheet HTML 2Page - Allegro MicroSystems 3507 Datasheet HTML 3Page - Allegro MicroSystems 3507 Datasheet HTML 4Page - Allegro MicroSystems 3507 Datasheet HTML 5Page - Allegro MicroSystems 3507 Datasheet HTML 6Page - Allegro MicroSystems 3507 Datasheet HTML 7Page - Allegro MicroSystems 3507 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3507 AND 3508
RATIOMETRIC,
LINEAR HALL-EFFECT SENSORS
FOR HIGH-TEMP. OPERATION
www.allegromicro.com
MAGNETIC CHARACTERISTICS over operating temperature range, at V
CC = 5 V, IO = 1 mA
(unless otherwise noted).
Part Numbers
A3507LUA
A3507EUA
A3508SUA
Characteristic*
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Operating Temp. Range, T
A
-40
–
+150
-40
–
+85
-20
–
+85
°C
Sensitivity at T
A = 25°C
2.0
2.5
3.0
2.0
2.5
3.0
2.0
2.5
3.0
mV/G
over Oper. Temp. Range
1.7
2.5
3.3
1.7
2.5
3.3
1.7
2.5
3.3
mV/G
∆Sens
(
∆T)
† at T
A = Max.
-5.0
2.5
10
-6.3
1.2
8.7
-10
–
10
%
at T
A = Min.
-8.8
-1.3
6.2
-8.8
-1.3
6.2
-10
–
10
%
∆V
OQ(
∆T)
‡
––
±35
–
–
±35
–
–
±50
G
Ratiometry,
∆V
OQ(
∆V)
–
100
–
–
100
–
–
100
–
%
Ratiometry,
∆Sens
(
∆V)
–
100
–
–
100
–
–
100
–
%
Positive Linearity, Lin+
–
100
–
–
100
–
–
100
–
%
Negative Linearity, Lin–
–
100
–
–
100
–
–
100
–
%
Symmetry
–
100
–
–
100
–
–
100
–
%
Magnetic flux density is measured at most sensitive area of device located 0.018" (0.46 mm) below the branded face of the “UA”
package.
* See Characteristics Definitions for test conditions.
† The nominal sensitivity temperature stability is designed to compensate for the temperature coefficient of samarium-cobalt
magnets (-0.02%/
°C).
‡ This calculation (formula 1, next page) yields the device’s equivalent accuracy, over the operating temperature range, in gauss.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com