Electronic Components Datasheet Search
  English  ▼

X  

1786310 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1786310
Description  The figure shows a 10-position version of the product
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1786310 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1786310 Datasheet HTML 1Page - PHOENIX CONTACT 1786310 Datasheet HTML 2Page - PHOENIX CONTACT 1786310 Datasheet HTML 3Page - PHOENIX CONTACT 1786310 Datasheet HTML 4Page - PHOENIX CONTACT 1786310 Datasheet HTML 5Page - PHOENIX CONTACT 1786310 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 4, 2011
Extract from the online
catalog
 
IC 2,5/16-G-5,08
Order No.: 1786543
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1786543
 
 
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number
of positions: 16, Pitch: 5.08 mm, Color: green, Metal surface: Sn,
Assembly: Soldering
 
Commercial data
GTIN (EAN)
4
017918
042691
sales group
E130
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 264 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
19 mm
Pitch
5.08 mm
Dimension a
76.2 mm
Number of positions
16


Similar Part No. - 1786310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1786310 PHOENIX-1786310 Datasheet
155Kb / 6P
MSTBU 2,5/16-STD-5,08
More results

Similar Description - 1786310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701511 PHOENIX-1701511 Datasheet
180Kb / 5P
The figure shows a 5-pos. version of the product
1758018 PHOENIX-1758018 Datasheet
150Kb / 6P
The figure shows a 10-position version of the product
2900542 PHOENIX-2900542 Datasheet
158Kb / 6P
The figure shows the 9 A version
2900552 PHOENIX-2900552 Datasheet
168Kb / 6P
The figure shows the 9 A version
2900558 PHOENIX-2900558 Datasheet
173Kb / 6P
The figure shows the 9 A version
2900559 PHOENIX-2900559 Datasheet
173Kb / 6P
The figure shows the 9 A version
2900560 PHOENIX-2900560 Datasheet
173Kb / 6P
The figure shows the 9 A version
2900573 PHOENIX-2900573 Datasheet
164Kb / 6P
The figure shows the 9 A version
2900688 PHOENIX-2900688 Datasheet
173Kb / 6P
The figure shows the 9 A version
2900691 PHOENIX-2900691 Datasheet
164Kb / 6P
The figure shows the 9 A version
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com