Electronic Components Datasheet Search
  English  ▼

X  

SN65472DEP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65472DEP
Description  DUAL PERIPHERAL DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65472DEP Datasheet(HTML) 2 Page - Texas Instruments

  SN65472DEP Datasheet HTML 1Page - Texas Instruments SN65472DEP Datasheet HTML 2Page - Texas Instruments SN65472DEP Datasheet HTML 3Page - Texas Instruments SN65472DEP Datasheet HTML 4Page - Texas Instruments SN65472DEP Datasheet HTML 5Page - Texas Instruments SN65472DEP Datasheet HTML 6Page - Texas Instruments SN65472DEP Datasheet HTML 7Page - Texas Instruments SN65472DEP Datasheet HTML 8Page - Texas Instruments SN65472DEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
VCC
A
GND
Y
500 Ω
1 kΩ
B
4 kΩ
1.6 kΩ
130 Ω
1 kΩ
1.6 kΩ
2B
2A
1B
1A
4
5
3
GND
2Y
1Y
7
6
2
1
5
3
2B
2A
1B
1A
2Y
1Y
7
6
2
1
&
SN65472-EP
SLRS061 – SEPTEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
VID NUMBER
Tape of 75
SN65472DEP
65472
V62/13618-01XE-T
-40°C to 125°C
SOIC
− D
Reel of 2500
SN65472DREP
65472
V62/13618-01XE
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
LOGIC SYMBOL
LOGIC DIAGRAM (POSITIVE LOGIC)
This symbol is in accordance with
ANSI/IEEE Std 91-1984 and IEC
Publication 617-12.
Table 1. FUNCTION TABLE
(EACH DRIVER)
INPUTS
Y(1)
A
B
L
L
H (Off state)
L
H
H (Off state)
H
L
H (Off state)
H
H
L (On state)
(1)
positive logic: Y = AB or A + B
SCHEMATIC (EACH DRIVER)
Resistor values shown are nominal.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: SN65472-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com