Electronic Components Datasheet Search
  English  ▼

X  

SN65472DREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65472DREP
Description  DUAL PERIPHERAL DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65472DREP Datasheet(HTML) 4 Page - Texas Instruments

  SN65472DREP Datasheet HTML 1Page - Texas Instruments SN65472DREP Datasheet HTML 2Page - Texas Instruments SN65472DREP Datasheet HTML 3Page - Texas Instruments SN65472DREP Datasheet HTML 4Page - Texas Instruments SN65472DREP Datasheet HTML 5Page - Texas Instruments SN65472DREP Datasheet HTML 6Page - Texas Instruments SN65472DREP Datasheet HTML 7Page - Texas Instruments SN65472DREP Datasheet HTML 8Page - Texas Instruments SN65472DREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN65472-EP
SLRS061 – SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
These specifications apply for -40°C
≤ TJ ≤ 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIK
Input clamp voltage
VCC = 4.75 V, II = – 12 mA
-1.2
-1.5
V
IOH
High-level output current
VCC = 4.75 V, VIH = 2 V, VOH = 70 V
270
µA
VCC = 4.75 V, VIL= 0.8 V, IOL = 100 mA
0.25
0.4
VOL
Low level output voltage
V
VCC = 4.75 V, VIL= 0.8 V, IOL = 300 mA
0.5
0.75
Input current at maximum input
II
VCC = 5.25 V, VI = 5.5 V
1
mA
voltage
IIH
High-level input current
VCC = 5.25 V, VI = 2.4 V
44
µA
IIL
Low-level input current
VCC = 5.25 V, VI = 0.4 V
-1
-1.6
mA
ICCH
Supply current, outputs high
VCC = 5.25 V, VI = 5 V
13
17
mA
ICCL
Supply current, outputs low
VCC = 5.25 V, VI = 0
61
76
mA
(1)
All typical values are at VCC = 5 V, TA = 25°C.
SWITCHING CHARACTERISTICS
VCC = 5 V, TA = 25°C, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay time,
IO ≈ 200 mA, CL = 15 pF, RL = 50 Ω,
tPLH
45
65
ns
low-to-high-level output
see Figure 2
Propagation delay time,
IO ≈ 200 mA, CL = 15 pF, RL = 50 Ω,
tPHL
30
50
ns
high-to-low-level output
see Figure 2
Transition time,
IO ≈ 200 mA, CL = 15 pF, RL = 50 Ω,
tTLH
13
25
ns
low-to-high-level output
see Figure 2
Transition time,
IO ≈ 200 mA, CL = 15 pF, RL = 50 Ω,
tTHL
10
20
ns
high-to-low-level output
see Figure 2
High level output voltage after
VS = 55 V, IO ≈ 300 mA,
VOH
VS - 18
mV
switching
see Figure 3
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: SN65472-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com